Electronic Components Datasheet Search
  English  ▼

X  

SS12B Datasheet(PDF) 1 Page - Multicomp Pro

Part # SS12B
Description  Surface Mount Schottky Barrier Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SS12B Datasheet(HTML) 1 Page - Multicomp Pro

  SS12B Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/07/20
Surface Mount
Schottky Barrier Rectifiers
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Low profile package
• Ideal for automated placement
• Ultrafast reverse recovery time
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• High temperature soldering: 260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC SMB molded plastic body over passivated chip
Terminals
: Solder plated, solderable per J-STD-002B and JESD22-B102D
Polarity
: Laser band denotes cathode end
Reverse Voltage
: 20 Volts
Forward Current
: 1 Ampere
Maximum Ratings, Thermal Characteristics and Electrical Characteristics
(Ta = 25 °C unless otherwise noted)
Characteristics
Symbol
Values
Unit
Max. Repetitive Peak Reverse Voltage
Vrrm
20
V
Max. RMS Voltage
Vrms
14
Max. DC Blocking Voltage
Vdc
20
Maximum average forward rectified current
If(AV)
1
A
Peak forward surge current 8.3 ms single half sine
wave superimposed on rated load
Ifsm
40
Maximum instantaneous forward voltage at 1A
Vf
0.5
V
Max. DC Reverse Current at
Ta = 25°C
Rated DC Blocking Voltage
Ta = 125°C
Ir
0.5
5
mA
Thermal resistance from junction to Lead
RθJL
30
°C/W
Operating junction and storage temperature range
Tj, Tstg
-65 to +125
°C
Rating and Characteristic Curves


Similar Part No. - SS12B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS12B LUGUANG-SS12B Datasheet
181Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SS12B DSK-SS12B Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Jiangsu High diode Semi...
SS12B HDSEMI-SS12B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
logo
Shanghai Leiditech Elec...
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
Schottkyre ctifier
More results

Similar Description - SS12B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com