Electronic Components Datasheet Search
  English  ▼

X  

PNP Datasheet(PDF) 1 Page - Multicomp Pro

Part # PNP
Description  General Purpose Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PNP Datasheet(HTML) 1 Page - Multicomp Pro

  PNP Datasheet HTML 1Page - Multicomp Pro PNP Datasheet HTML 2Page - Multicomp Pro PNP Datasheet HTML 3Page - Multicomp Pro PNP Datasheet HTML 4Page - Multicomp Pro PNP Datasheet HTML 5Page - Multicomp Pro PNP Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N4401
& 2N4403
General Purpose Switching Transistors
Page 1
31/05/05 V1.0
Features:
•• NPN/PNP Silicon Planar Epitaxial Transistors.
•• General purpose Switching Applications.
•• 2N 4401 Type NPN.
•• 2N 4403 Type PNP.
TO-92
Dimensions : Millimetres
Dimensions
Minimum
Maximum
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
5°
G
1.14
1.40
H
1.53
K
12.70
-
L
1.982
2.082
Pin Configuration
1 = Emitter
2 = Base
3 = Collector
2N4403 PNP
2N4401 NPN


Similar Part No. - PNP

ManufacturerPart #DatasheetDescription
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
PNP CK-COMPONENTS-PNP Datasheet
805Kb / 5P
Sealed Pushbutton Switch
2020
logo
YAGEO Corporation
PNP YAGEO-PNP Datasheet
1Mb / 17P
Wirewound Resistors
Apr. 03, 2024 V.4
logo
RF Micro Devices
PNP-1050-L22-G RFMD-PNP-1050-L22-G Datasheet
315Kb / 3P
PLUG-N-PLAY NARROWBAND SYNTHESIZER
logo
List of Unclassifed Man...
PNP-1090-P22 ETC1-PNP-1090-P22 Datasheet
183Kb / 8P
Intelligent Frequency Synthesizers
More results

Similar Description - PNP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
List of Unclassifed Man...
2N4401 ETC2-2N4401 Datasheet
588Kb / 6P
General Purpose Switching Transistors
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
logo
First Silicon Co., Ltd
FFB2222AD FS-FFB2222AD Datasheet
412Kb / 7P
Dual General Purpose Switching Transistors
logo
AiT Semiconductor Inc.
MBT3904DW AITSEMI-MBT3904DW Datasheet
599Kb / 7P
DUAL GENERAL PURPOSE TRANSISTORS SWITCHING TRANSISTORS
REV1.0
MBT3904W AITSEMI-MBT3904W Datasheet
1Mb / 10P
SWITCHING TRANSISTORS GENERAL PURPOSE TRANSISTORS
REV1.1
MBT3906W AITSEMI-MBT3906W Datasheet
1Mb / 9P
SWITCHING TRANSISTORS GENERAL PURPOSE TRANSISTORS
REV1.1
MBT3946DW AITSEMI-MBT3946DW Datasheet
1Mb / 13P
SWITCHING TRANSISTORS DUAL GENERAL PURPOSE TRANSISTORS
REV1.0
MBT4403L AITSEMI-MBT4403L Datasheet
1Mb / 10P
SWITCHING TRANSISTORS GENERAL PURPOSE TRANSISTORS ??PNP SILICON
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com