Electronic Components Datasheet Search
  English  ▼

X  

AS737C Datasheet(PDF) 1 Page - Sumida Corporation

Part # AS737C
Description  Transponder TX antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS737C Datasheet(HTML) 1 Page - Sumida Corporation

  AS737C Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transponder TX antenna< Pin Type: AS Series>
Type: AS737C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
S
L
1
C
2
BLACK
WHITE
73.8± 0.5
I
60± 5
10± 5
H
連 接 頭 (MQ-CL-2M)
5桁品名
BLACK
WHITE
WHITE
BLACK
(31)
(62.1)
(20.5)
G
(20.5)
F
(1)
LABEL
A
TD14 676NO
58975
IC
全周R0.5
◆
Product Description
・
74.3×14.7mm Max.(L×W),7.7mm Max. Height.
・
Operating temperature: -40℃~+85℃.
◆
Feature
◆
Schematics(Bottom)
・
LF transponder Transmitter antenna.
・
Ideally used in keyless smart entry system.
・
RoHS Compliance.
◆
Dimensions (mm)
◆
Specification
BETWEEN
MEASURING
CONDITIONS
Resonant frequency range
130.0kHz±1.0kHz WITHIN
at 25℃
Resonant Current
1.8Ap-p (Ref.)
130.0kHz (at 25℃)
“S” is winding start.


Similar Part No. - AS737C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS737 SUMIDA-AS737 Datasheet
24Kb / 1P
Transponder TX antenna< Pin Type: AS Series>
AS737-125-103 SUMIDA-AS737-125-103 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-153 SUMIDA-AS737-125-153 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-223 SUMIDA-AS737-125-223 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-332 SUMIDA-AS737-125-332 Datasheet
100Kb / 2P
LF Transmitter Antenna
More results

Similar Description - AS737C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS737 SUMIDA-AS737 Datasheet
24Kb / 1P
Transponder TX antenna< Pin Type: AS Series>
AS737D SUMIDA-AS737D Datasheet
205Kb / 1P
Transponder TX antenna
AS657 SUMIDA-AS657 Datasheet
24Kb / 1P
Transponder TX Antenna
AS637 SUMIDA-AS637 Datasheet
234Kb / 2P
Transponder TX Antenna
AR13D28 SUMIDA-AR13D28 Datasheet
203Kb / 1P
Transponder RX antenna
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
Transponder RX antenna
AS705B SUMIDA-AS705B Datasheet
50Kb / 2P
Antenna < Transponder : RF-ID [TX] >
AS705A SUMIDA-AS705A Datasheet
128Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
AS224 SUMIDA-AS224 Datasheet
174Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com