Electronic Components Datasheet Search
  English  ▼

X  

DS1643 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1643
Description  Nonvolatile Timekeeping RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1643 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1643 Datasheet HTML 1Page - Dallas Semiconductor DS1643 Datasheet HTML 2Page - Dallas Semiconductor DS1643 Datasheet HTML 3Page - Dallas Semiconductor DS1643 Datasheet HTML 4Page - Dallas Semiconductor DS1643 Datasheet HTML 5Page - Dallas Semiconductor DS1643 Datasheet HTML 6Page - Dallas Semiconductor DS1643 Datasheet HTML 7Page - Dallas Semiconductor DS1643 Datasheet HTML 8Page - Dallas Semiconductor DS1643 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1643/DS1643P
3 of 14
BLOCK DIAGRAM DS1643 Figure 1
DS1643 TRUTH TABLE Table 1
VCC
CE
CE2
OE
WE
MODE
DQ
POWER
VIH
X
X
X
DESELECT
HIGH Z
STANDBY
XVIL
X
X
DESELECT
HIGH Z
STANDBY
VIL
VIH
XVIL
WRITE
DATA IN
ACTIVE
VIL
VIH
VIL
VIH
READ
DATA OUT
ACTIVE
5 VOLTS
± 10%
VIL
VIH
VIH
VIH
READ
HIGH Z
ACTIVE
<4.5 VOLTS
>VBAT
XXXX
DESELECT
HIGH Z
CMOS STANDBY
<VBAT
XXXX
DESELECT
HIGH Z
DATA RETENTION
MODE
SETTING THE CLOCK
The 8-bit of the control register is the write bit. Setting the write bit to a 1, like the read bit, halts updates
to the DS1643 registers. The user can then load them with the correct day, date and time data in 24 hour
BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock counters and
allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB for the seconds registers. Setting it to
a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and the
oscillator is running, the LSB of the seconds register will toggle at 512 Hz. When the seconds register is
being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for access remain valid
(i.e., CE low, OE low, CE2 high, and address for seconds register remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1643 is guaranteed to keep time accuracy to within
±1 minute per month at 25°C.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1643P and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module is guaranteed to keep time accuracy to within
±1.53 minutes per month (35 ppm) at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com