Electronic Components Datasheet Search
  English  ▼

X  

AS637 Datasheet(PDF) 1 Page - Sumida Corporation

Part # AS637
Description  Transponder TX Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS637 Datasheet(HTML) 1 Page - Sumida Corporation

  AS637 Datasheet HTML 1Page - Sumida Corporation AS637 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transponder TX Antenna< Pin Type: AS Series>
Type: AS637
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Coil's side
Capacitor
winding's start
1
2
3
winding's finish
AVSS 0.3f
AVSS 0.3f
◆
Product Description
・
64.0×16.8mm Max.(L×W),7.8mm Max. Height.
・
Operating temperature: -40℃~+85℃.
◆
Feature
・
LF transponder Transmitter antenna(Motocycle Antenna Coil).
・
Ideally used in keyless smart entry system.
・
RoHS Compliance.
◆
Dimensions (mm)
◆
Schematics(Bottom)
Logo
63.0 ±1.0
40.0 ±6.0
(Curvature is including)
(4-凸R0.1)
7.0±0.8
(C1.0)
Potting surface
Remakrs:it will be ok if
Bubbles in potting surface
Date code mark


Similar Part No. - AS637

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
4A to 460 Vac SIP Package
logo
Teledyne Technologies I...
AS6 TELEDYNE-AS6 Datasheet
319Kb / 4P
DC Control
logo
IDEC Corporation
AS6-SK IDEC-AS6-SK Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
MotionKing Motor Indust...
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS60-30-006E25 MOTIONKING-AS60-30-006E25 Datasheet
175Kb / 3P
AC Servo Motors
More results

Similar Description - AS637

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS737 SUMIDA-AS737 Datasheet
24Kb / 1P
Transponder TX antenna< Pin Type: AS Series>
AS737D SUMIDA-AS737D Datasheet
205Kb / 1P
Transponder TX antenna
AS737C SUMIDA-AS737C Datasheet
211Kb / 1P
Transponder TX antenna
AS657 SUMIDA-AS657 Datasheet
24Kb / 1P
Transponder TX Antenna
AR13D28 SUMIDA-AR13D28 Datasheet
203Kb / 1P
Transponder RX antenna
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
Transponder RX antenna
AS705B SUMIDA-AS705B Datasheet
50Kb / 2P
Antenna < Transponder : RF-ID [TX] >
AS705A SUMIDA-AS705A Datasheet
128Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
AS224 SUMIDA-AS224 Datasheet
174Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com