Electronic Components Datasheet Search
  English  ▼

X  

TPS54673PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54673PWPR
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54673PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54673PWPR Datasheet HTML 9Page - Texas Instruments TPS54673PWPR Datasheet HTML 10Page - Texas Instruments TPS54673PWPR Datasheet HTML 11Page - Texas Instruments TPS54673PWPR Datasheet HTML 12Page - Texas Instruments TPS54673PWPR Datasheet HTML 13Page - Texas Instruments TPS54673PWPR Datasheet HTML 14Page - Texas Instruments TPS54673PWPR Datasheet HTML 15Page - Texas Instruments TPS54673PWPR Datasheet HTML 16Page - Texas Instruments TPS54673PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS54673
SLVS433A − SEPTEMBER 2002 − REVISED FEBRUARY 2005
www.ti.com
13
The second function of the SS/ENA pin provides an
external means of extending the slow-start time with a
low-value capacitor connected between SS/ENA and
AGND.
Adding a capacitor to the SS/ENA pin has two effects on
start-up. First, a delay occurs between release of the
SS/ENA pin and start-up of the output. The delay is
proportional to the slow-start capacitor value and lasts
until the SS/ENA pin reaches the enable threshold. The
start-up delay is approximately:
t
d +
C
(SS)
1.2 V
5
mA
Second, as the output becomes active, a brief ramp-up at
the internal slow-start rate may be observed before the
externally set slow-start rate takes control and the output
rises at a rate proportional to the slow-start capacitor. The
slow-start time set by the capacitor is approximately:
t
(SS) +
C
(SS)
0.7 V
5
mA
The actual slow-start time is likely to be less than the above
approximation due to the brief ramp-up at the internal rate.
The low side MOSFET is off during the slow-start
sequence.
VBIAS REGULATOR (VBIAS)
The VBIAS regulator provides internal analog and digital
blocks with a stable supply voltage over variations in
junction temperature and input voltage. A high quality,
low-ESR, ceramic bypass capacitor is required on the
VBIAS
pin.
X7R
or
X5R
grade
dielectrics
are
recommended because their values are more stable over
temperature. The bypass capacitor must be placed close
to the VBIAS pin and returned to AGND.
External loading on VBIAS is allowed, with the caution that
internal circuits require a minimum VBIAS of 2.70 V, and
external loads on VBIAS with ac or digital switching noise
may degrade performance. The VBIAS pin may be useful
as a reference voltage for external circuits.
VOLTAGE REFERENCE
The voltage reference system produces a precise Vref
signal by scaling the output of a temperature stable
bandgap circuit. During manufacture, the bandgap and
scaling circuits are trimmed to produce 0.891 V at the
output of the error amplifier, with the amplifier connected
as a voltage follower. The trim procedure adds to the high
precision regulation of the TPS54673, since it cancels
offset errors in the scale and error amplifier circuits.
OSCILLATOR AND PWM RAMP
The oscillator frequency can be set to internally fixed
values of 350 kHz or 550 kHz using the SYNC pin as a
static digital input. If a different frequency of operation is
required for the application, the oscillator frequency can be
externally adjusted from 280 to 700 kHz by connecting a
resistor between the RT pin and AGND and floating the
SYNC pin. The switching frequency is approximated by
the following equation, where R is the resistance from RT
to AGND:
Switching Frequency
+ 100 kW
R
500 [kHz]
External synchronization of the PWM ramp is possible
over the frequency range of 330 kHz to 700 kHz by driving
a synchronization signal into SYNC and connecting a
resistor from RT to AGND. Choose a resistor between the
RT and AGND which sets the free running frequency to
80% of the synchronization signal. The following table
summarizes the frequency selection configurations:
SWITCHING
FREQUENCY
SYNC PIN
RT PIN
350 kHz, internally
set
Float or AGND
Float
550 kHz, internally
set
≥ 2.5 V
Float
Externally set 280
kHz to 700 kHz
Float
R = 180 k
Ω to 68 kΩ
Externally
synchronized
frequency
Synchronization
signal
R = RT value for 80%
of external synchro-
nization frequency
ERROR AMPLIFIER
The high performance, wide bandwidth, voltage error
amplifier sets the TPS54673 apart from most dc/dc
converters. The user is given the flexibility to use a wide
range of output L and C filter components to suit the
particular
application
needs.
Type
2
or
type
3
compensation
can
be
employed
using
external
compensation components.
PWM CONTROL
Signals from the error amplifier output, oscillator, and
current limit circuit are processed by the PWM control
logic. Referring to the internal block diagram, the control
logic includes the PWM comparator, OR gate, PWM latch,
and portions of the adaptive dead-time and control logic
block. During steady-state operation below the current
limit threshold, the PWM comparator output and oscillator
pulse train alternately reset and set the PWM latch. Once
the PWM latch is reset, the low-side FET remains on for a
minimum duration set by the oscillator pulse width. During
this period, the PWM ramp discharges rapidly to its valley
voltage. When the ramp begins to charge back up, the
low-side FET turns off and high-side FET turns on. As the
PWM ramp voltage exceeds the error amplifier output
voltage, the PWM comparator resets the latch, thus
turning off the high-side FET and turning on the low-side
FET. The low-side FET remains on until the next oscillator
pulse discharges the PWM ramp.
During transient conditions, the error amplifier output
could be below the PWM ramp valley voltage or above the
PWM peak voltage. If the error amplifier is high, the PWM
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com