Electronic Components Datasheet Search
  English  ▼

X  

TPS62000 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS62000
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62000 Datasheet HTML 12Page - Texas Instruments TPS62000 Datasheet HTML 13Page - Texas Instruments TPS62000 Datasheet HTML 14Page - Texas Instruments TPS62000 Datasheet HTML 15Page - Texas Instruments TPS62000 Datasheet HTML 16Page - Texas Instruments TPS62000 Datasheet HTML 17Page - Texas Instruments TPS62000 Datasheet HTML 18Page - Texas Instruments TPS62000 Datasheet HTML 19Page - Texas Instruments TPS62000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2
O
I
L
L
O
L(max)
O(max)
V
1
V
I
I = V
I
I
L
f
-
D
D
´
=
+
´
(4)
OUTPUT CAPACITOR SELECTION
1
2
3
O
O
I
RMS(C )
O
V
1
V
I
= V
L
f
-
´
´
´
´
(5)
O
I
O
O
O
V
1
V
1
V
= V
ESR
L
8
C
f
f
-
æ
ö
D
´
´
+
ç
÷
´
´
´
è
ø
(6)
TPS62000-HT
SLVS917A – MARCH 2009 – REVISED JUNE 2009 .......................................................................................................................................................... www.ti.com
Where:
ƒ = Switching frequency (750 kHz typical)
L = Inductor value
ΔIL = Peak-to-peak inductor ripple current
IL(max) = Maximum inductor current
The highest inductor current occurs at maximum VI.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
TPS62000 which is 1.6 A with ILIM = VIN and 900 mA with ILIM = GND. See Table 1 for recommended
inductors.
Table 1. Tested Inductors(1)
OUTPUT CURRENT
INDUCTOR VALUE
COMPONENT SUPPLIER
COMMENTS
Coilcraft DO3316P-103
Coilcraft DT3316P-103
High efficiency
Sumida CDR63B-100
0 mA to 600 mA
10
µH
Sumida CDRH5D28-100
Coilcraft DO1608C-103
Smallest solution
Sumida CDRH4D28-100
Coilcraft DO1608C-103
High efficiency
0 mA to 300 mA
10
µH
Murata LQH4C100K04
Smallest solution
(1)
Parts are valid for –40°C to 85°C.
For best performance, a low ESR output capacitor is needed. At output voltages greater than 1.8 V, ceramic
output capacitors can be used to show the best performance. Output voltages below 1.8 V require a larger output
capacitor and ESR value to improve the performance and stability of the converter.
Table 2. Capacitor Selection
OUTPUT VOLTAGE RANGE
OUTPUT CAPACITOR
OUTPUT CAPACITOR ESR
1.8 V
≤ VI ≤ 5.5 V
Co ≥ 10 µF
ESR
≤ 120 mΩ
0.8 V
≤ VI < 1.8 V
Co ≥ 47 µF
ESR > 50 m
Ω
See Table 3 for recommended capacitors.
If an output capacitor is selected with an ESR value
≤ 120 mΩ, its RMS ripple current rating always meets the
application requirements. Just for completeness, the RMS ripple current is calculated as:
The overall output ripple voltage is the sum of the voltage spike caused by the output capacitor ESR plus the
voltage ripple caused by charge and discharging the output capacitor:
Where the highest output voltage ripple occurs at the highest input voltage VI.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62000-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com