Electronic Components Datasheet Search
  English  ▼

X  

TPS62050DGS Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62050DGS
Description  TPS6205x 800-mA Synchronous Step-Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62050DGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 2Page - Texas Instruments TPS62050DGS Datasheet HTML 3Page - Texas Instruments TPS62050DGS Datasheet HTML 4Page - Texas Instruments TPS62050DGS Datasheet HTML 5Page - Texas Instruments TPS62050DGS Datasheet HTML 6Page - Texas Instruments TPS62050DGS Datasheet HTML 7Page - Texas Instruments TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
800
810
820
830
840
850
860
870
880
890
900
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
2.7 V
3.6 V
7.2 V
5 V
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
VI = 7.2 V, VO = 3.3 V, IO = 300 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS62052
VI = 2.7 V to 10 V, 0 mA < IO < 600 mA
–3%
3%
Fixed output voltage
TPS62054
VI = 2.7 V to 10 V, 0 mA < IO < 600 mA
–3%
3%
tolerance(1)
TPS62056
VI = 3.75 V to 10 V, 0 mA < IO < 600 mA
–3%
3%
Resistance of internal voltage divider for fixed-voltage
700
1000
1300
k
Ω
versions
Line regulation
VO = 3.3 V, VI = 5 V to 10 V, IO = 600 mA
5.2
mV/V
Load regulation
VI = 7.2 V; IO = 10 mA to 600 mA
0.0045
%/mA
VI = 5 V; VO = 3.3 V; IO = 300 mA
93%
η
Efficiency
VI = 3.6 V; VO = 2.5 V; IO = 200 mA
93%
Duty cycle range for main switches
100%
Minimum ton time for main switch
100
ns
Shutdown temperature
145
°C
IO = 200 mA, VI = 5 V, Vo = 3.3 V,
Start-up time
1
ms
Co = 22 µF, L = 10 µH
(1)
The worst case RDS(ON) of the PMOS in 100% mode for an input voltage of 3.3 V is 0.75 Ω. This value can be used to determine the
minimum input voltage if the output current is less than 600 mA with the TPS62056.
8.6 Typical Characteristics
Figure 1. Switching Frequency vs Free-Air Temperature
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com