Electronic Components Datasheet Search
  English  ▼

X  

TPS60310 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS60310 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 13Page - Texas Instruments TPS60310 Datasheet HTML 14Page - Texas Instruments TPS60310 Datasheet HTML 15Page - Texas Instruments TPS60310 Datasheet HTML 16Page - Texas Instruments TPS60310 Datasheet HTML 17Page - Texas Instruments TPS60310 Datasheet HTML 18Page - Texas Instruments TPS60310 Datasheet HTML 19Page - Texas Instruments TPS60310 Datasheet HTML 20Page - Texas Instruments TPS60310 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output filter design (continued)
OUT1
5
+
C(OUT1)
1
µF
OUT2
6
C(OUT2)
1
µF
10
PG
VIN
3
CIN
1
µF
1
SNOOZE
GND
9
TPS60312
7
8
C2F
1
µF
C2+
C2–
C1+
C1–
C1F
1
µF
4
2
CPG
0.1
µF
1.5 V
MSP430
Display
Amplifier
Sensor
R1
1 M
ON
+
+
Figure 25. Application With MSP430; PG as Supply for Analog Circuits
power dissipation
As given in the data sheet, the thermal resistance of the unsoldered package is RθJA = 294°C/W. Soldered on
the EVM, a typical thermal resistance of RθJA(EVM) = 200°C/W was measured.
The thermal resistance can be calculated using equation 4.
RθJA +
T
J–TA
P
D
(4)
Where:
TJ is the junction temperature.
TA is the ambient temperature.
PD is the power that needs to be dissipated by the device.
The maximum power dissipation can be calculated using equation 5.
PD = VIN × IIN – VO × IO = VIN(max) × (3 × IO + I(SUPPLY)) – VO × IO
(5)
The maximum power dissipation happens with maximum input voltage and maximum output current:
At maximum load the supply current is approximately 2 mA.
PD = 1.8 V × (3 × 20 mA + 2 mA) – 3.3 V × 20 mA = 46 mW
(6)
With this maximum rating and the thermal resistance of the device on the EVM, the maximum temperature rise
above ambient temperature can be calculated using equation 7.
∆TJ = RθJA × PD = 200°C/W × 46 mW = 10°C
(7)
This means that internal dissipation increases TJ by 10°C.
The junction temperature of the device must not exceed 125
°C.
This means the IC can easily be used at ambient temperatures up to:
TA = TJ(max) – ∆TJ = 125°C – 10°C = 115°C
(8)
layout and board space
All capacitors should be soldered as close as possible to the IC. A PCB layout proposal for a two-layer board
is shown in Figure 26. Care has been taken to connect all capacitors as close as possible to the circuit to achieve
optimized output voltage ripple performance. The bottom layer is not shown in Figure 26. It only consists of a
ground-plane with a single track between the two vias that can be seen in the left part of the top layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com