Electronic Components Datasheet Search
  English  ▼

X  

AZ1117 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AZ1117
Description  1A LOW DROPOUT LINEAR REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ1117 Datasheet(HTML) 4 Page - Diodes Incorporated

  AZ1117 Datasheet HTML 1Page - Diodes Incorporated AZ1117 Datasheet HTML 2Page - Diodes Incorporated AZ1117 Datasheet HTML 3Page - Diodes Incorporated AZ1117 Datasheet HTML 4Page - Diodes Incorporated AZ1117 Datasheet HTML 5Page - Diodes Incorporated AZ1117 Datasheet HTML 6Page - Diodes Incorporated AZ1117 Datasheet HTML 7Page - Diodes Incorporated AZ1117 Datasheet HTML 8Page - Diodes Incorporated AZ1117 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AZ1117
Document number: DS36736 Rev. 5 - 3
4 of 32
www.diodes.com
January 2019
© Diodes Incorporated
AZ1117
Absolute Maximum Ratings (Note 3)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
Operating Junction Temperature
TJ
+150
ºC
Storage Temperature
TS
-65 to +150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
+260
ºC
Thermal Resistance (No Heatsink, Note 4)
θJA
SOT223
120
oC/W
SOT89
165
TO220-3
60
TO252-2 (3)
TO252-2 (4)
TO252-2 (5)
100
TO263
60
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
250
V
Notes:
3. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied.
Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
4. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junction-
to-
ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD(max) = (TJ(max)-TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go
into thermal shutdown.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
—
15
V
Operating Junction Temperature Range
TJ
-40
+125
ºC
NOT RECOMMENDED FOR NEW DESIGN
USE AZ1117C or AZ1117I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com