Electronic Components Datasheet Search
  English  ▼

X  

CS20N60F Datasheet(PDF) 1 Page - China Resources Microelectronics Limited

Part # CS20N60F
Description  Fast Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRMICRO [China Resources Microelectronics Limited]
Direct Link  https://www.crmicro.com/Home/
Logo CRMICRO - China Resources Microelectronics Limited

CS20N60F Datasheet(HTML) 1 Page - China Resources Microelectronics Limited

  CS20N60F Datasheet HTML 1Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 2Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 3Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 4Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 5Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 6Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 7Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 8Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 9Page - China Resources Microelectronics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CS20N60F A9H
W U X I C H I N A R E S O U RC E S H UA J I N G M I C R O E L E C T R O N I C S C O . , LT D.
P a g e 1 o f 1 0
201 5 V 01
○
R
Silicon
N-Channel
Power
MOSFET
General Description:
CS20N60F A9H, the silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which
reduce
the
conduction
loss,
improve
switching
performance and enhance the avalanche energy. The transistor can
be
used
in various
power
switching
circuit
for
system
miniaturization and higher efficiency.
The package form is
TO-220F, which accords with the RoHS standard..
Features:
l Fast Switching
l Low ON Resistance(Rdson≤0.45Ω)
l Low Gate Charge (Typical Data:61nC)
l Low Reverse transfer capacitances(Typical: 20pF)
l 100% Single Pulse avalanche energy Test
Applications:
Power switch circuit of adaptor and charger.
Absolute(Tc= 25℃ unless otherwise specified):
Symbol
Parameter
Rating
Units
VDSS
Drain-to-Source Voltage
600
V
ID
Continuous Drain Current
20
A
Continuous Drain Current TC = 100 °C
14
A
IDM
a1
Pulsed Drain Current
80
A
VGS
Gate-to-Source Voltage
±30
V
EAS
a2
Single Pulse Avalanche Energy
1200
mJ
EAR
a1
Avalanche Energy ,Repetitive
100
mJ
IAR
a1
Avalanche Current
4.5
A
dv/dt
a3
Peak Diode Recovery dv/dt
5.0
V/ns
PD
Power Dissipation
85
W
Derating Factor above 25°C
0.68
W/℃
TJ,Tstg
Operating Junction and Storage Temperature Range
150,–55 to 150
℃
TL
Maximum Temperature for Soldering
300
℃
VDSS
600
V
ID
20
A
PD(TC=25℃)
85
W
RDS(ON)Typ
0.36
Ω


Similar Part No. - CS20N60F

ManufacturerPart #DatasheetDescription
logo
Guangdong Lingxun Micro...
CS20N65A LINGXUN-CS20N65A Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A1 LINGXUN-CS20N65A1 Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A2 LINGXUN-CS20N65A2 Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A3 LINGXUN-CS20N65A3 Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A3-R LINGXUN-CS20N65A3-R Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
More results

Similar Description - CS20N60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com