Electronic Components Datasheet Search
  English  ▼

X  

CRE2536 Datasheet(PDF) 8 Page - CRE Semiconductor Inc.

Part # CRE2536
Description  Primary-side controlled high-precision constant voltage/constant current PWM controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2536 Datasheet(HTML) 8 Page - CRE Semiconductor Inc.

  CRE2536 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 8Page - CRE Semiconductor Inc. CRE2536 Datasheet HTML 9Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CRE2535/2536/2538
CRE2535/2536/2538
CRE2535/2536/2538
CRE2535/2536/2538
原边控制高精度恒压////恒流 PWM
PWM
PWM
PWM 控制器
第 页 共 9 页
封装信息
SOP8 封装
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.050
0.250
0.002
0.010
A2
1.250
1.650
0.049
0.065
b
0.310
0.510
0.012
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.150
0.185
0.203
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270(BSC)
0.05(BSC)
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com