Electronic Components Datasheet Search
  English  ▼

X  

PCA9549D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9549D
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549D Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9549D Datasheet HTML 1Page - NXP Semiconductors PCA9549D Datasheet HTML 2Page - NXP Semiconductors PCA9549D Datasheet HTML 3Page - NXP Semiconductors PCA9549D Datasheet HTML 4Page - NXP Semiconductors PCA9549D Datasheet HTML 5Page - NXP Semiconductors PCA9549D Datasheet HTML 6Page - NXP Semiconductors PCA9549D Datasheet HTML 7Page - NXP Semiconductors PCA9549D Datasheet HTML 8Page - NXP Semiconductors PCA9549D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PCA9549_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 July 2006
3 of 24
Philips Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
5.
Pinning information
5.1 Pinning
Fig 2.
Pin configuration of SO24
Fig 3.
Pin configuration of TSSOP24
Fig 4.
Pin configuration of HVQFN24 (transparent top view)
PCA9549D
A0
VDD
A1
SDA
RESET
SCL
1A
A2
1B
8A
2A
8B
2B
7A
3A
7B
3B
6A
4A
6B
4B
5A
VSS
5B
002aaa992
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
PCA9549PW
A0
VDD
A1
SDA
RESET
SCL
1A
A2
1B
8A
2A
8B
2B
7A
3A
7B
3B
6A
4A
6B
4B
5A
VSS
5B
002aaa993
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
002aaa994
PCA9549BS
Transparent top view
6A
3A
3B
7B
2B
7A
2A
8B
1B
8A
1A
A2
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com