Electronic Components Datasheet Search
  English  ▼

X  

1176 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1176
Description  Aluminum Flex Shaft Coupler - 5mm to 8mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1176 Datasheet(HTML) 2 Page - Adafruit Industries

  1176 Datasheet HTML 1Page - Adafruit Industries 1176 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Connect this to that with a set-screw coupler. These couplers are made of
machined aluminum and have a spiral cut that makes them slightly flexible so they
can be fit to two shafts even if they are not perfectly co-linear and will help reduce
binding effects. The way they're cut, they're a little springy in the X Y & Z linear axis
but not in the rotational axis. That means that you won't get increased backlash -
so they're suitable for precision CNC work.
This coupler will connect a 5mm diameter shaft to an 8mm diameter shaft. A
perfect add on for our stepper motors. Comes with two sets of double set-screws
(two per side) for secure attachment. You'll need a 2mm allen wrench to
tighten/loosen the set-screws.
Page 2 of 2
7/24/2015
http://www.adafruit.com/products/1176



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com