Electronic Components Datasheet Search
  English  ▼

X  

2N3906 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3906
Description  PNP General-Purpose Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3906 Datasheet(HTML) 4 Page - ON Semiconductor

  2N3906 Datasheet HTML 1Page - ON Semiconductor 2N3906 Datasheet HTML 2Page - ON Semiconductor 2N3906 Datasheet HTML 3Page - ON Semiconductor 2N3906 Datasheet HTML 4Page - ON Semiconductor 2N3906 Datasheet HTML 5Page - ON Semiconductor 2N3906 Datasheet HTML 6Page - ON Semiconductor 2N3906 Datasheet HTML 7Page - ON Semiconductor 2N3906 Datasheet HTML 8Page - ON Semiconductor 2N3906 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2N3906 / MMBT3906 / PZT3906 Rev. 1.2.2
3
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 μs, duty cycle ≤ 2.0%.
Symbol
Parameter
Conditions
Min.
Max.
Unit
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown
Voltage(4)
IC = -1.0 mA, IB = 0
-40
V
V(BR)CBO
Collector-Base Breakdown Voltage IC = -10 μA, IE = 0
-40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
IBL
Base Cut-Off Current
VCE = -30 V, VBE = 3.0 V
-50
nA
ICEX
Collector Cut-Off Current
VCE = -30 V, VBE = 3.0 V
-50
nA
ON CHARACTERISTICS
hFE
DC Current Gain(4)
IC = -0.1 mA, VCE = -1.0 V
60
IC = -1.0 mA, VCE = -1.0 V
80
IC = -10 mA, VCE = -1.0 V
100
300
IC = -50 mA, VCE = -1.0 V
60
IC = -100 mA, VCE = -1.0V
30
VCE(sat)
Collector-Emitter Saturation
Voltage
IC = -10 mA, IB = -1.0 mA
-0.25
V
IC = -50 mA, IB = -5.0 mA
-0.40
VBE(sat)
Base-Emitter Saturation Voltage
IC = -10 mA, IB = -1.0 mA
-0.65
-0.85
V
IC = -50 mA, IB = -5.0 mA
-0.95
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = -10 mA, VCE = -20 V,
f = 100 MHz
250
MHz
Cobo
Output Capacitance
VCB = -5.0 V, IE = 0,
f = 100 kHz
4.5
pF
Cibo
Input Capacitance
VEB = -0.5 V, IC = 0,
f = 100 kHz
10.0
pF
NF
Noise Figure
IC = -100 μA, VCE = -5.0 V,
RS = 1.0 kΩ,
f = 10 Hz to 15.7 kHz
4.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
VCC = -3.0 V, VBE = -0.5 V
IC = -10 mA, IB1 = -1.0 mA
35
ns
tr
Rise Time
35
ns
ts
Storage Time
VCC = -3.0 V, IC = -10 mA,
IB1 = IB2 = -1.0 mA
225
ns
tf
Fall Time
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com