Electronic Components Datasheet Search
  English  ▼

X  

SS12 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SS12
Description  CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS12 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SS12 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS12 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SS12 THRU SS100
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSECHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
10 0 12 0 14 0
.01
Tj=75 C
Tj=25 C
0.1
1.0
.01
10
50
FIG.2-TYPICAL FORWARDCHARACTERISTICS
Pulse Width300us
1% Duty Cycle
.1
.3
.5
.7
.9
1. 1
1 .3
1 .5
3.0
Tj=25 C
FORWARD VOLTAGE,(V)
FIG.3-MAXIMUM NON-REPETITIVE FORWARDSURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
0
10
5
15
25
20
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com