Electronic Components Datasheet Search
  English  ▼

X  

1221 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1221
Description  Slotted Aluminum Extrusion - 20mm x 20mm - 610mm long
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1221 Datasheet(HTML) 1 Page - Adafruit Industries

  1221 Datasheet HTML 1Page - Adafruit Industries 1221 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROBOTICS & CNC / CNC
Slotted Aluminum Extrusion - 20mm x
20mm - 610mm long
PRODUCT ID: 1221
Page 1 of 2


Similar Part No. - 1221

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1221 YANTEL-1221 Datasheet
80Kb / 2P
Variable RF Inductor
logo
Alpha Wire
1221 ALPHAWIRE-1221 Datasheet
106Kb / 3P
Customer Specification
9/8/2022
logo
ASSUN MOTOR Pte Ltd.
1221 ASSUN-1221 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1221 ASSUN-1221 Datasheet
241Kb / 1P
STANDARD SERIES
2023-A
1221 ASSUN-1221 Datasheet
282Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S506-32MA ETC2-S506-32MA Datasheet
265Kb / 2P
5mm x 20mm Fuses
logo
Cooper Bussmann, Inc.
HTC-45M COOPER-HTC-45M Datasheet
58Kb / 1P
5mm x 20mm Fuseholders
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
5 x 20mm Fuses
logo
LUMEX INC.
SSB-CEL2417SUGC LUMEX-SSB-CEL2417SUGC Datasheet
53Kb / 1P
30mm x 20mm CUSTOM LED BACKLIGHT
logo
Cooper Bussmann, Inc.
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
5mm x 20mm Fuses
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
For 5 x 20mm Fuses
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
5 x 20mm Fuses
logo
LUMEX INC.
SSB-CEL2417SUGC LUMEX-SSB-CEL2417SUGC_17 Datasheet
54Kb / 1P
30mm X 20mm CUSTOM LED BACKLIGHT
SSB-LXB100SRD LUMEX-SSB-LXB100SRD Datasheet
67Kb / 1P
5 X 20mm LIGHT BAR
SSB-LXB100SRW LUMEX-SSB-LXB100SRW Datasheet
66Kb / 1P
5 X 20mm LIGHT BAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com