Electronic Components Datasheet Search
  English  ▼

X  

NDP6020P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDP6020P
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDP6020P Datasheet(HTML) 2 Page - ON Semiconductor

  NDP6020P Datasheet HTML 1Page - ON Semiconductor NDP6020P Datasheet HTML 2Page - ON Semiconductor NDP6020P Datasheet HTML 3Page - ON Semiconductor NDP6020P Datasheet HTML 4Page - ON Semiconductor NDP6020P Datasheet HTML 5Page - ON Semiconductor NDP6020P Datasheet HTML 6Page - ON Semiconductor NDP6020P Datasheet HTML 7Page - ON Semiconductor NDP6020P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
September 1997
NDP6020P / NDB6020P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
________________________________________________________________________________
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
NDP6020P
NDB6020P
Units
V
DSS
Drain-Source Voltage
-20
V
V
GSS
Gate-Source Voltage - Continuous
±8
V
I
D
Drain Current
- Continuous
-24
A
- Pulsed
-70
P
D
Total Power Dissipation @ T
C = 25°C
60
W
Derate above 25°C
0.4
W/°C
T
J,TSTG
Operating and Storage Temperature Range
-65 to 175
°C
NDP6020P Rev.C1
-24 A, -20 V. R
DS(ON) = 0.05 Ω @ VGS= -4.5 V.
R
DS(ON) = 0.07Ω @ VGS= -2.7 V.
R
DS(ON) = 0.075 Ω @ VGS= -2.5 V.
Critical DC electrical parameters specified at elevated
temperature.
Rugged internal source-drain diode can eliminate the need
for an external Zener diode transient suppressor.
175°C maximum junction temperature rating.
High density cell design for extremely low R
DS(ON).
TO-220 and TO-263 (D
2PAK) package for both through
hole and surface mount applications.
These logic level P-Channel enhancement mode power field
effect transistors are produced using Fairchild's proprietary,
high cell density, DMOS technology. This very high density
process has been especially tailored to minimize on-state
resistance, provide superior switching performance, and
withstand
high
energy
pulses
in
the
avalanche
and
commutation modes. These devices are particularly suited for
low
voltage
applications
such
as
automotive,
DC/DC
converters, PWM motor controls, and other battery powered
circuits where fast switching, low in-line power loss, and
resistance to transients are needed.
D
S
G
© 1997 Fairchild Semiconductor Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com