Electronic Components Datasheet Search
  English  ▼

X  

SB340 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SB340
Description  Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB340 Datasheet(HTML) 2 Page - ON Semiconductor

  SB340 Datasheet HTML 1Page - ON Semiconductor SB340 Datasheet HTML 2Page - ON Semiconductor SB340 Datasheet HTML 3Page - ON Semiconductor SB340 Datasheet HTML 4Page - ON Semiconductor SB340 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SB320-SB3100, Rev. C
2001 Fairchild Semiconductor Corporation
Features
• 3.0 ampere operation at T
A
= 75°C
with no thermal runaway.
• For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
SB320 - SB3100
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
3.6
W
RθJA
Thermal Resistance, Junction to Ambient
40
°C/W
Symbol
Parameter
Device
Units
320
330
340
350
360
380
3100
VF
Forward Voltage @ 3.0 A
500
740
850
mV
I
R
Reverse Current @ rated V
R TA = 25°C
0.5
mA
T
A = 100°C
20
10
10
mA
Irr
Maximum Full Load Reverse Current,
Full Cycle
T
A = 100°C
30
mA
CT
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
180
pF
DO-201AD
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
320
330
340
350
360
380
3100
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
100
V
I
F(AV)
Average Rectified Forward Current
.375 " lead length @ T
A = 75°C
3.0
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
80
A
T
stg
Storage Temperature Range
-65 to +125
°C
TJ
Operating Junction Temperature
-65 to +125
°C
Thermal Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com