Electronic Components Datasheet Search
  English  ▼

X  

1302 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1302
Description  Slotted Aluminum Extrusion - 20mm x 40mm - 610mm long
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1302 Datasheet(HTML) 2 Page - Adafruit Industries

  1302 Datasheet HTML 1Page - Adafruit Industries 1302 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Oh boy, now you have no excuse for not building that robot! Nothing is easier or
faster than building with extrusion and we've added dual-20mm square aluminum
extrusion and components to our catalog. This product is the extrusion itself.
Made of aluminum, its exactly 40x20mm and has slots on all four sides. You can
use T-nuts that slide into the slots to connect plates, couplers, PCBs, cut-outs, etc.
Its sort of like a big-sized Erector set.
We like the 40x20mm for being slim yet incredibly strong. Great for sturdy DIY
projects and robots, but not too clunky and heavy. Each piece here is 610mm long
(2 feet), and is easily cut down with a hacksaw or bandsaw. Grab some T-nuts,
screws and plates to build a frame, then finish off with end-caps.
Page 2 of 2
7/27/2015
http://www.adafruit.com/products/1302



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com