Electronic Components Datasheet Search
  English  ▼

X  

KBP201 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # KBP201
Description  PRV : 50 - 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBP201 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  KBP201 Datasheet HTML 1Page - Bruckewell Technology LTD KBP201 Datasheet HTML 2Page - Bruckewell Technology LTD KBP201 Datasheet HTML 3Page - Bruckewell Technology LTD KBP201 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBP200 - KBP210
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
Publication Order Number: [KBP200 - KBP210]
© Bruckewell Technology Corporation Rev. A -2014
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Rating
Symbol
KBP
200
KBP
201
KBP
202
KBP
204
KBP
206
KBP
208
KBP
210
Unit
Peak Forward Surge Current,
Single half sine wave
Superimposed on rated load
(JEDEC Method)
IFSM
60
V
Maximum Forward Voltage per Diode
at F = 1.0 A
VF
1.0
V
Maximum DC Reverse Current Ta = 25°C
IR
10
V
at Rated DC Blocking Voltage Ta = 100°C
IR(H)
1.0
A
Typical Junction Capacitance per
Diode (Note 1)
CJ
24
pF
Operating junction temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +125
°C
Notes
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
(2) Thermal resistance from Junction to Ambient with units mounted on a 0.47" X 0.47" ( 12mm X 12mm ) Cu.
Pads.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com