Electronic Components Datasheet Search
  English  ▼

X  

CSD95420RCB Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD95420RCB
Description  CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95420RCB Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD95420RCB Datasheet HTML 4Page - Texas Instruments CSD95420RCB Datasheet HTML 5Page - Texas Instruments CSD95420RCB Datasheet HTML 6Page - Texas Instruments CSD95420RCB Datasheet HTML 7Page - Texas Instruments CSD95420RCB Datasheet HTML 8Page - Texas Instruments CSD95420RCB Datasheet HTML 9Page - Texas Instruments CSD95420RCB Datasheet HTML 10Page - Texas Instruments CSD95420RCB Datasheet HTML 11Page - Texas Instruments CSD95420RCB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
6.4 Recommended Stencil Opening
www.ti.com
EXAMPLE STENCIL DESIGN
.000 PKG
0
(
)
1.767
(
)
1.107
(
)
1.729
(
)
1.86
(
) TYP
2.25
(
) TYP
2.7
(
)
0.247
(
)
0.907
20X (0.25)
15X (0.5)
2X (
)
0.27
2X (
)
1.69
(
)
2.15
(
)
0.48
(
)
0.23
(
)
0.53
(
)
0.932
(
)
1.08
5X (0.25)
4X (0.5)
(R0.05) TYP
20X (0.55)
(
)
0.58
(
)
2.425
4224521/A 09/2018
VQFN-CLIP - 1.05 mm max height
RCB0027A
PLASTIC QUAD FLATPACK - NO LEAD
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PAST EXAMPLE
ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
S 6-7 & 13-15: 70%
26: 70%
SCALE: 20X
EXPOSED
METAL
SOLDER MASK
OPENING
TYP
EXPOSED
METAL
1
5
7
8
12
13
18
15
16
19
25
26
27
6
METAL UNDER
SOLDER MASK
TYP
• All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
• This drawing is subject to change without notice.
• Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
CSD95420RCB
SLPS735 – NOVEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com