Electronic Components Datasheet Search
  English  ▼

X  

CD54HC173F Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC173F
Description  CDx4HC173, CDx4HCT173 High-Speed CMOS Logic Quad D-Type Flip-Flop, Three- State
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC173F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC173F Datasheet HTML 1Page - Texas Instruments CD54HC173F Datasheet HTML 2Page - Texas Instruments CD54HC173F Datasheet HTML 3Page - Texas Instruments CD54HC173F Datasheet HTML 4Page - Texas Instruments CD54HC173F Datasheet HTML 5Page - Texas Instruments CD54HC173F Datasheet HTML 6Page - Texas Instruments CD54HC173F Datasheet HTML 7Page - Texas Instruments CD54HC173F Datasheet HTML 8Page - Texas Instruments CD54HC173F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CDx4HC173, CDx4HCT173 High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-
State
1 Features
• Three-state buffered outputs
• Gated input and output enables
• Fanout (over temperature range)
– Standard outputs : 10 LSTTL loads
– Bus driver outputs : 15 LSTTL loads
• Wide Operating Temperature Range : -55°C to
125°C
• Balanced propagation delay and transition times
• Significant power and reduction compared to
LSTTL logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V Operation
– Direct LSTTL input logic compatibility, VIL= 0.8
V (Max), VIH = 2 V (Min)
– CMOS input compatibility, Il ≤ 1µA at VOL, VOH
2 Description
The CDx4HC173 and CDx4HCT173 contains four
independent D-type flip-flops with shared clock (CP),
reset (MR), and data enable (E1, E2) pins.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC173F
CDIP (16)
21.34 mm × 6.92 mm
CD54HCT173F3A
CDIP (16)
21.34 mm × 6.92 mm
CD74HC173E
PDIP (16)
19.31mm × 6.35 mm
CD74HCT173E
PDIP (16)
19.31mm × 6.35 mm
CD74HC173M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT173M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC173PW
TSSOP (16)
5.00 mm × 4.40 mm
(1)
For all packages see the orderable addendum at the end of
the data sheet..
E1
E2
Dx
CP
MR
OE1
OE2
Qx
D
R
Q
Shared Control Logic
One of Four D-Type Flip-Flops
Functional Block Diagram
CD54HC173, CD74HC173, CD54HCT173, CD74HCT173
SCHS158F – NOVEMBER 1998 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC173F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC173F TI-CD54HC173F Datasheet
374Kb / 17P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173F TI-CD54HC173F Datasheet
520Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173F TI-CD54HC173F Datasheet
550Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173F3A TI-CD54HC173F3A Datasheet
374Kb / 17P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173F3A TI-CD54HC173F3A Datasheet
520Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
More results

Similar Description - CD54HC173F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC173 TI-CD74HC173 Datasheet
57Kb / 10P
High Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC173 TI-CD54HC173 Datasheet
374Kb / 17P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC173 TI-CD54HC173_07 Datasheet
520Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC173 TI-CD54HC173_08 Datasheet
550Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com