Electronic Components Datasheet Search
  English  ▼

X  

CDEP134 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP134
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP134 Datasheet HTML 1Page - Sumida Corporation CDEP134 Datasheet HTML 2Page - Sumida Corporation CDEP134 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: CDEP134, CDEP134C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
POWER INDUCTORS <SMD Type: CDEP Series>
◆
Product Description
・
13.9×13.9mm Max.(L×W),4.9mm Max. Height.
・
Both standard type and High power type of CDEP134 and CDEP134C respectively are available.
・
Inductance range: 0.3~8.0μH for 2 types
・
Saturation Current range: 7.2~32.0A(Standard type ) ;9.6~35.0A (High Power type).
・
Temperature rise current range: 6.5~18.5A
・
In addition to the standards versions shown here, custom inductors are also available to meet your exact
requirements.
◆
Feature
・
Super high current inductors, Low DCR.
・
Mn-Zn core used, Flat wire used.
・
Ideally used in Notebook PC CPU power supply.
・
RoHS Compliance
◆
Dimensions (mm)
CDEP134
CDEP134C
13.5 ±0.4
MA X. 4. 9
9.6 ±0.3
13.5 ±0 .4
MAX.4.9
9.7 ±0. 3


Similar Part No. - CDEP134

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP134-0R3MB SUMIDA-CDEP134-0R3MB Datasheet
249Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP134-0R3MB SUMIDA-CDEP134-0R3MB Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP134-0R3MB-H SUMIDA-CDEP134-0R3MB-H Datasheet
249Kb / 1P
POWER INDUCTORS (SMD Type)
More results

Similar Description - CDEP134

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com