Electronic Components Datasheet Search
  English  ▼

X  

1699 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1699
Description  Breadboard Friendly 3.5mm Stereo Headphone Jack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1699 Datasheet(HTML) 2 Page - Adafruit Industries

  1699 Datasheet HTML 1Page - Adafruit Industries 1699 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Pipe audio in or out of your project with this very handy breadboard-friendly
audio jack. It's a stereo jack with disconnect-switches on Left and Right
channels as well as a center ground pin. You can use any 3.5mm stereo cable
with this jack. The pins are on 0.1" spacing so it plugs very solidly into a
breadboard, perma-proto or perf-board.
Each order comes with one headphone jack, breadboard and audio cable not
included!
Technical Details
•
Datasheet
https://www.adafruit.com/product/1699 2-6-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com