Electronic Components Datasheet Search
  English  ▼

X  

217521 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 217521
Description  Pre-Crimped Leads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

217521 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  217521 Datasheet HTML 1Page - Molex Electronics Ltd. 217521 Datasheet HTML 2Page - Molex Electronics Ltd. 217521 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard .093”
Ultra-Fit
Pico-Lock
Mini-Fit
Mini-Fit Sr.
Mini-Fit Sigma
Milli-Grid
Mini-Lock
Pico-SPOX
Pico-EZmate
Pico-Clasp
Micro-Fit 3.0
Micro-Lock Plus
Micro-Lock Plus 2.0
MicroClasp
MLX
Mizu-P25
MultiCat
MX150
PicoBlade
Nano-Fit
L1NK 396
Mega-Fit
KK
L1NK 250
iGrid
Sabre
Sherlock
SL
Solderless Ring
CLIK-Mate
DuraClik
C-Grid III
Standard .062”
Squba 1.80mm
Squba 3.60mm
Molex’s range of pre-crimped leads offers a
simple, cost-effective solution for prototyping,
pre-production and mass production requirements.
These leads are offered in female-to-female and
male-to-male configurations in lengths of
75.00 to 600.00mm
Pre-Crimped Leads


Similar Part No. - 217521

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
217521 MOLEX11-217521 Datasheet
659Kb / 3P
Pre-Crimped Leads
Rev. 13
2175211121 MOLEX-2175211121 Datasheet
76Kb / 1P
MIZU-P25 F-S 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2175211122 MOLEX-2175211122 Datasheet
76Kb / 1P
MIZU-P25 F-S 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2175211123 MOLEX-2175211123 Datasheet
76Kb / 1P
MIZU-P25 F-S 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2175211124 MOLEX-2175211124 Datasheet
76Kb / 1P
MIZU-P25 F-S 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
More results

Similar Description - 217521

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580001 MOLEX11-0797580001 Datasheet
119Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV A
logo
Harwin Plc
M30-900009 HARWIN-M30-900009 Datasheet
55Kb / 1P
PRE-CRIMPED CONTACT
M30-9040099 HARWIN-M30-9040099 Datasheet
59Kb / 1P
PRE-CRIMPED CONTACT
M40-9000099 HARWIN-M40-9000099 Datasheet
50Kb / 1P
PRE-CRIMPED CONTACT
M40-9040099 HARWIN-M40-9040099 Datasheet
47Kb / 1P
PRE-CRIMPED CONTACT
M80-9100099 HARWIN-M80-9100099 Datasheet
98Kb / 1P
PRE-CRIMPED CONTACT
M80-9180099 HARWIN-M80-9180099 Datasheet
101Kb / 1P
PRE-CRIMPED CONTACT
logo
Molex Electronics Ltd.
0797582027 MOLEX1-0797582027 Datasheet
40Kb / 1P
Pre-Crimped Lead .062
797580001 MOLEX-797580001 Datasheet
118Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV : A
2010/01/12
PRE-CRIMPED MOLEX-PRE-CRIMPED Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com