Electronic Components Datasheet Search
  English  ▼

X  

CDEP105 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP105
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP105 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP105 Datasheet HTML 1Page - Sumida Corporation CDEP105 Datasheet HTML 2Page - Sumida Corporation CDEP105 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
3.High Power Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at100℃)
Temperature
rise
current
(A) ※2
CDEP1Ø5NP-ØR1N□-32
0R1NH
0.15μH±30%
1.7(1.4)
55.0
46.0
19.0
CDEP1Ø5NP-ØR3N□-32
0R3NH
0.3μH±30%
2.4(2.0)
40.0
33.0
17.7
CDEP1Ø5NP-ØR5M□-32
0R5MH
0.5μH±20%
4.1(3.4)
30.4
25.0
13.0
CDEP1Ø5NP-ØR8M□-32
0R8MH
0.8μH±20%
5.3(4.4)
25.2
20.7
11.2
CDEP1Ø5NP-1R2M□-32
1R2MH
1.2μH±20%
7.5(6.2)
21.0
17.4
9.0
CDEP1Ø5NP-1R5M□-32
1R5MH
1.5μH±20%
10.5(8.7)
18.0
15.0
7.8
CDEP1Ø5NP-2RØM□-32
2R0MH
2.0μH±20%
12.4(10.3)
15.8
13.1
7.4
CDEP1Ø5NP-2R5M□-32
2R5MH
2.5μH±20%
18.0(15.0)
14.0
11.7
6.2
CDEP1Ø5NP-3RØM□-32
3R0MH
3.0μH±20%
23.8(19.8)
12.6
10.5
4.9
※
Description of part name
CDEP1Ø5NP-ØR1N□-32
※
1 Saturation current: The DC current at which the inductance decreases to 65%
(for the inductance tolerance :±30%) or 75% (for the inductance tolerance:±20%) of
it's nominal.
※
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.
(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com