Electronic Components Datasheet Search
  English  ▼

X  

CDEP104 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP104
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP104 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP104 Datasheet HTML 1Page - Sumida Corporation CDEP104 Datasheet HTML 2Page - Sumida Corporation CDEP104 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: CDEP104, CDEP104B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
POWER INDUCTORS <SMD Type: CDEP Series>
◆
Product Description
・
10.4×10.4mm Max.(L×W),4.5mm Max. Height.
・
Both standard type and Low DCR type of CDEP104 are available.
・
Inductance range: 0.22~0.25μH(CDEP104 Standard type);
0.36~0.43μH(CDEP104 Low D.C.R type ); 0.4μH(CDEP104B).
・
Saturation Current range: 11.8~39.6A(CDEP104 Standard type ) ;
7.0~24.2A(CDEP104 Low D.C.R type); 28.0A (CDEP104B).
・
Temperature rise current 5.0~18.0A(CDEP104),16.0A(CDEP104B)
・
In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
◆
Feature
・
Super high current inductors.
・
Mn-Zn core used, Flat wire used.
・
Ideally used in portable computer CPU power supply.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics (Bottom)
10.0 ±0.4
Max.4.5
2.9
3.8
11.0
2.9
3.8
②
①
③


Similar Part No. - CDEP104

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP104 SUMIDA-CDEP104 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104-0R2B-50 SUMIDA-CDEP104-0R2B-50 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104-0R2B-88 SUMIDA-CDEP104-0R2B-88 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104-0R2C-50 SUMIDA-CDEP104-0R2C-50 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104-0R2C-88 SUMIDA-CDEP104-0R2C-88 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
More results

Similar Description - CDEP104

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com