Electronic Components Datasheet Search
  English  ▼

X  

2001 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2001
Description  Silicone Cover Stranded-Core Wire - 2m 30AWG Red
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2001 Datasheet(HTML) 1 Page - Adafruit Industries

  2001 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicone Cover Stranded-Core Wire - 2m 30AWG Red
PRODUCT ID: 2001
 
Description
Silicone-sheathing wire is super-flexible and soft, and its also strong! Able to handle up to 200°C and up to 600V, it
will do when PVC covered wire wimps out. We like this wire for being extremely supple and flexible, so it is great
for wearables or projects where the wire-harness has to be able to deal with a lot of bending.
Comes with 2m of red wire. The wire is 30AWG stranded with an outer diameter of 0.8mm.
Technical Details
o
Length: 2 meters / 78.7"
o
Outer Diameter: 0.8mm / 0.03"
o
Resistance: 331 Ω/Km
o
Current Handling Capability: ~0.8 A (depends on length and voltage!)
o
Temperature Range: -60°C ~ 200°C
o
Nominal Voltage: 600V
o
Weight: 2.4g
 
                                                                      Engineered in NYC Adafruit ® 


Similar Part No. - 2001

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
Schurter Inc.
2001 SCHURTER-2001 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Heyco.
2001 HEYCO-2001 Datasheet
133Kb / 1P
Snap Bushings
logo
Dwyer Instruments,
2001 DWYER-2001 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
Molex Electronics Ltd.
0349961902 MOLEX1-0349961902 Datasheet
48Kb / 1P
MXP120 Cavity Plug Seal, Silicone, Rust Red
logo
SparkFun Electronics
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
TOL-14762 SPARKFUN-TOL-14762 Datasheet
912Kb / 2P
Wire Strippers - 22-30AWG
9??7??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com