Electronic Components Datasheet Search
  English  ▼

X  

2005 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2005
Description  Silicone Cover Stranded-Core Wire - 2m 30AWG Green
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2005 Datasheet(HTML) 1 Page - Adafruit Industries

  2005 Datasheet HTML 1Page - Adafruit Industries 2005 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicone Cover Stranded-Core Wire - 2m
30AWG Green
PRODUCT ID: 2005
Description
Silicone-sheathing wire is super-flexible and soft, and its also strong! Able to handle up to 200°C and up to
600V, it will do when PVC covered wire wimps out. We like this wire for being extremely supple and
flexible, so it is great for wearables or projects where the wire-harness has to be able to deal with a lot of
bending.
Comes with 2m of green wire. The wire is 30AWG stranded with an outer diameter of 0.8mm.


Similar Part No. - 2005

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
List of Unclassifed Man...
2005 ETC2-2005 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
2005 ETC2-2005 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
XFMRS Inc.
2005 XFMRS-2005 Datasheet
45Kb / 2P
10 BASE T MAGNETICS ISOLATION MAGNETICS
logo
Witten Company, Inc.
2005 WITTEN-2005 Datasheet
126Kb / 1P
INSERT THRU-HOLE W/FLANGE
More results

Similar Description - 2005

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6733 POMONA-6733 Datasheet
31Kb / 1P
Test Lead Wire with Silicone or PVC Insulation
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-10-0 ETC2-BU-2929-M-10-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
SparkFun Electronics
TOL-14762 SPARKFUN-TOL-14762 Datasheet
912Kb / 2P
Wire Strippers - 22-30AWG
9??7??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com