Electronic Components Datasheet Search
  English  ▼

X  

US1D Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # US1D
Description  CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US1D Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  US1D Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US1D Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1A THRU US1M
Features
Mechanical Data
· Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
· Low forward voltage drop
· High current capability
· High reliability
· Low power loss, high effciency
· High surge current capability
· High speed switching
· Low leakage
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-214AC(SMA)molded plastic body
· Lead : Solder Plated, solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Weight: 0.002 ounce, 0.064 gram
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.0 Ampere
VOLTAGE 50 to 1000 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TT=75
℃
Maximum instantaneous forward voltage
at 1.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
1.0
Amps
IFSM
TJ
TSTG
-55 to +150
℃
Volts
Amp
Maximum DC Reverse Current at rated DC
blocking voltage TA = 25
℃
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating Junction and Storage
temperature Range
50
US1A
35
50
5.0
75
Volts
μA
ns
pF
I(AV)
IR
Trr
20
CJ
100
US1B
70
100
200
US1D
140
200
400
US1G
280
400
600
US1J
420
600
800
US1K
560
800
1000
US1M
700
1000
Maximum full load reverse current full cycle
average. 0.375"(9.5mm) lead length at
TA =100
℃
15
50
30.0
100
1.7
1.0
300
US1E
210
300
Dimensions in inches and (millimeters)
0.058(1.47)
0.052(1.32)
0.110(2.79)
0.100(2.54)
0.012(0.31)
0.006(0.15)
0.177(4.50)
0.157(3.99)
0.090(2.29)
0.078(1.98)
0.060(1.52)
0.030(0.76)
0.005(0.127)
MAX.
0.208(5.28)
0.194(4.93)
DO-214AC (SMA)


Similar Part No. - US1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1D PANJIT-US1D Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1D PHILIPS-US1D Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1D SURGE-US1D Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1D TRSYS-US1D Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1D SSE-US1D Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
More results

Similar Description - US1D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF400X ETC1-UF400X Datasheet
206Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1H1 DAESAN-1H1 Datasheet
281Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
FR101 DAESAN-FR101 Datasheet
280Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
HER101G DAESAN-HER101G Datasheet
284Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
SM4001 DAESAN-SM4001 Datasheet
216Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com