Electronic Components Datasheet Search
  English  ▼

X  

2115 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2115
Description  Universal Qi Wireless Charging Module - 60mm Reverse MicroUSB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2115 Datasheet(HTML) 1 Page - Adafruit Industries

  2115 Datasheet HTML 1Page - Adafruit Industries 2115 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Qi Wireless Charging Module - 60mm Reverse MicroUSB
PRODUCT ID: 2115
Description
If you have a modern smart phone you may have noticed that it comes with built in wireless charging
capability called 'Qi charging.' Qi is a trademark name for a thin and smart inductive charging system.
Many large gadget companies have standardized on Qi, which means it's easy to find a charging dish and
we thought it might be cool if your electronics project or phone with a microUSB port can recharge itself
wirelessly. Thus, we now have four different MicroUSB Modules for different phone/device orientations.
This is the 660mm Reverse
20mm
Forward, a 20mm Reverse, and an 60mm Forward
module you need!
connections on the data lines!


Similar Part No. - 2115

ManufacturerPart #DatasheetDescription
logo
Mascot AS
2115 MASCOT-2115 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Bourns Electronic Solut...
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
117Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
More results

Similar Description - 2115

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
WR221230-36M8-G TDK-WR221230-36M8-G Datasheet
76Kb / 4P
Wireless Charging
WR301025-19M8-G TDK-WR301025-19M8-G Datasheet
76Kb / 4P
Wireless Charging
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
Wireless Charging
WTM505090-10K2-5V-G1 TDK-WTM505090-10K2-5V-G1 Datasheet
105Kb / 4P
Wireless charging
logo
Cypress Semiconductor
CYW20736S CYPRESS-CYW20736S Datasheet
8Mb / 3P
Bluetooth Smart Module with Wireless Charging
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
Wireless charging
V1.2 2017-03-29
logo
Generalplus Technology ...
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
logo
Silver Telecom 2019
AG321T SILVERTEL-AG321T Datasheet
343Kb / 15P
15 Watt Qi compatible Wireless Power Module
logo
Tripp Lite. All Rights ...
U280-Q02FL-BK TRIPPLITE-U280-Q02FL-BK Datasheet
171Kb / 3P
Dual Wireless Charging Pad, Qi-Certified, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com