Electronic Components Datasheet Search
  English  ▼

X  

ZMM55C Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # ZMM55C
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ZMM55C Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  ZMM55C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ZMM55C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. ZMM55C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMM55C-2V4...ZMM55C-47 SILICON PLANAR ZENER DIODES
1) Standard ZENER DIODE 500mW Vz tolerance = +
_ 5%
2) ZMM = ZENER Mini Melf
3) Vz of ZENER DIODE, V code is instead of decimal point. (e.g., 3V6 = 3.6V)
4) Measured with pulses Tp = 20ms
Nominal
Zener
Voltage
Vz at IZT 4)
Volts
mA
Ω
Ω
%/
℃
μA
Volts
mA
IR
Test-Voltage
suffix B
ZZT at IZT
ZZK at
IZK=1mA
Type
Maximum zener
impedance1)
ZMM55C-2V4
2.28-2.56
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
85
600
-0.070
50
1.0
150
ZMM55C-2V7
2.5-2.9
85
600
-0.070
10
1.0
135
ZMM55C-3V0
2.8-3.2
85
600
-0.070
4
1.0
125
ZMM55C-3V3
3.1-3.5
85
600
-0.065
2
1.0
115
ZMM55C-3V6
3.4-3.8
85
600
-0.060
2
1.0
105
ZMM55C-3V9
3.7-4.1
85
600
-0.050
2
1.0
95
ZMM55C-4V3
4.0-4.6
75
600
-0.025
1
1.0
90
ZMM55C-4V7
4.4-5.0
60
600
-0.010
0.5
1.0
85
ZMM55C-5V1
4.8-5.4
35
550
+0.015
0.1
1.0
80
ZMM55C-5V6
5.2-6.0
25
450
+0.025
0.1
1.0
70
ZMM55C-6V2
5.8-6.6
10
200
+0.035
0.1
2.0
64
ZMM55C-6V8
6.4-7.2
8
150
+0.045
0.1
3.0
58
ZMM55C-7V5
7.0-7.9
7
50
+0.050
0.1
5.0
53
ZMM55C-8V2
7.7-8.7
7
50
+0.050
0.1
6.0
47
ZMM55C-9V1
8.5-9.6
10
50
+0.060
0.1
7.0
43
ZMM55C-10
9.4-10.6
15
70
+0.070
0.1
7.5
40
ZMM55C-11
10.4-11.6
20
70
+0.070
0.1
8.5
36
ZMM55C-12
11.4-12.7
20
90
+0.070
0.1
9.0
32
ZMM55C-13
12.4-14.1
26
110
+0.070
0.1
10
29
ZMM55C-15
13.8-15.6
30
110
+0.070
0.1
11
27
ZMM55C-16
15.3-17.1
40
170
+0.070
0.1
12
24
ZMM55C-18
16.8-19.1
50
170
+0.070
0.1
14
21
ZMM55C-20
18.8-21.2
55
220
+0.070
0.1
15
20
ZMM55C-22
20.8-23.3
55
220
+0.070
0.1
17
18
ZMM55C-24
22.8-25.6
80
220
+0.080
0.1
18
16
ZMM55C-27
25.1-28.9
80
220
+0.080
0.1
20
14
ZMM55C-30
28.0-32.0
80
220
+0.080
0.1
22
13
ZMM55C-33
31.0-35.0
80
220
+0.080
0.1
24
12
ZMM55C-36
34.0-38.0
80
220
+0.080
0.1
27
11
ZMM55C-39
37.0-41.0
90
500
+0.080
0.1
30
10
ZMM55C-43
40.0-46.0
90
600
+0.080
0.1
33
9.2
ZMM55C-47
44.0-50.0
110
700
+0.080
0.1
36
8.5
Maximum Reverse
Leakage Current
Maximum
Regulator
Current2)
IZM
Typical
Temperature
Coefficient
Test
Current
IZT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com