Electronic Components Datasheet Search
  English  ▼

X  

0804001 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804001
Description  EO-D/UT/GN - Socket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804001 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804001 Datasheet HTML 1Page - PHOENIX CONTACT 0804001 Datasheet HTML 2Page - PHOENIX CONTACT 0804001 Datasheet HTML 3Page - PHOENIX CONTACT 0804001 Datasheet HTML 4Page - PHOENIX CONTACT 0804001 Datasheet HTML 5Page - PHOENIX CONTACT 0804001 Datasheet HTML 6Page - PHOENIX CONTACT 0804001 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, for India/Africa and other countries, Type: D, connection method: Screw connection,
color: green, nom. voltage: 250 V AC (50 Hz), nominal current: 6 A, for mounting on a DIN rail in
the service interface or direct mounting, Country marking: India / Africa
Commercial data
Item number
0804001
Packing unit
5 pc
Minimum order quantity
5 pc
Product key
BE7616
GTIN
4055626224657
Weight per piece (including packing)
73.6 g
Weight per piece (excluding packing)
72.32 g
Country of origin
PL
EO-D/UT/GN - Socket
0804001
https://www.phoenixcontact.com/us/products/0804001
Sep 9, 2025, 12:08AM
Page 1 (7)


Similar Part No. - 0804001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804000 PHOENIX-0804000 Datasheet
264Kb / 7P
EO-D/UT - Socket
0804003 PHOENIX-0804003 Datasheet
265Kb / 7P
EO-D/UT/LED - Socket
0804004 PHOENIX-0804004 Datasheet
266Kb / 7P
EO-D/UT/LED/GN - Socket
0804005 PHOENIX-0804005 Datasheet
265Kb / 7P
EO-D/UT/F - Socket
0804006 PHOENIX-0804006 Datasheet
265Kb / 7P
EO-D/UT/F/GN - Socket
More results

Similar Description - 0804001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045091 PHOENIX-3045091 Datasheet
161Kb / 6P
UT 2,5 GN
3045156 PHOENIX-3045156 Datasheet
145Kb / 6P
UT 4 GN
3045211 PHOENIX-3045211 Datasheet
144Kb / 6P
UT 6 GN
3046333 PHOENIX-3046333 Datasheet
143Kb / 6P
UT 10 GN
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com