Electronic Components Datasheet Search
  English  ▼

X  

TOP242P Datasheet(PDF) 1 Page - Myrra

Part # TOP242P
Description  SIZE E16 - 2 OUTPUTS: 2 x 24v - FLYBACK TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra

TOP242P Datasheet(HTML) 1 Page - Myrra

  TOP242P Datasheet HTML 1Page - Myrra  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIZE E16 - 2 OUTPUTS: 2 x 24v - FLYBACK TRANSFORMER
Primary / Secondary Insulation ≥ 4000V
Primary / Auxiliary Insulation
≥ 1500V
Creepage distance Primary / Secondary ≥ 6mm
Ambient temperature < 50°C
Construction conforms to IEC950, IEC335, IEC61558 for reinforced insulation
Exclusively uses UL94-V0 listed materials
PIN 3 Removed
PCB Drilling Diameter = 1.1mm
+S2
0V
+S1
0V
+E
DRAIN
+AUX
0V
Bottom View (Pin side)
74014
MYRRA
Output
Windings
P / N
Power
Pins
Turns
Voltage
Current
Inductance
maximum
maximum
(+/-10%)
74014
12 w
Pri
4 - 6
120
70 – 140 (VOR)
0.5 Apeak
1800µH
Aux
2 - 1
17
9 – 18 Vdc
0.2 Adc
S1
9 - 10
27
15 – 30 Vdc
0.4 Adc
S2
7 - 8
27
15 – 30 Vdc
0.4 Adc
Typical outputs :
+24V 0.5A with S1 – S2 in parallel
+48V 0.25A with S1 – S2 in series (8-9 connected)
+15V / -15V 0.4A with pins 8-9 connected to 0V
Examples of application with Integrated Circuits :
MYRRA
Control IC
Control IC
Input voltage
Power
Frequency
P / N
Manufacturer
P / N
74014
Power Integrations
TNY266
185 - 265Vrms
12w
Power Integrations
TNY266
85 - 265Vrms
8w
Power Integrations
TOP242P
185 - 265Vrms
12w
132kHz
Power Integrations
TOP242P
85 - 265Vrms
8w
132kHz


Similar Part No. - TOP242P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP242P POWERINT-TOP242P Datasheet
771Kb / 48P
Family Extended Power, Design Flexible,Integrated Off-line Switcher
TOP242P POWERINT-TOP242P Datasheet
449Kb / 52P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP242P POWERINT-TOP242P Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP242P POWERINT-TOP242P Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP242P POWERINT-TOP242P Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results

Similar Description - TOP242P

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3869 PCA-EPA3869 Datasheet
38Kb / 1P
Flyback Transformer
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
Flyback Transformer
EPC3040 PCA-EPC3040 Datasheet
41Kb / 1P
Flyback Transformer
logo
Coilcraft lnc.
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
logo
Myrra
74032 MYRRA-74032 Datasheet
177Kb / 1P
SIZE E25 - 3 or 1 OUTPUTS: 512/12v or 24v - FLYBACK TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com