Electronic Components Datasheet Search
  English  ▼

X  

47166 Datasheet(PDF) 4 Page - Myrra

Part # 47166
Description  ELECTRONIC TRANSFORMERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra

47166 Datasheet(HTML) 4 Page - Myrra

  47166 Datasheet HTML 1Page - Myrra 47166 Datasheet HTML 2Page - Myrra 47166 Datasheet HTML 3Page - Myrra 47166 Datasheet HTML 4Page - Myrra 47166 Datasheet HTML 5Page - Myrra  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
47000 SERIES - ELECTRONIC TRANSFORMERS
TWO COMMON OUTPUTS 3 to 5W - Regulated
ELECTRICAL SPECIFICATIONS
Input voltage range
85 to 265Volts AC
85 to 370V DC
Input Frequency 47 to 440 Hz
Output voltage accuracy : see table for 10 to 100%
rated load of each output (includes line and load
variations)
No load input power
< 200mW
Energy consumption and efficiency : Meets
requirements of Energy Star or EC Code of Conduct
The 2 outputs share a common 0v reference.
This enables closer coupling and a better cross-
regulation of the outputs
SAFETY
Prepared for Class II
– reinforced insulation
Input / Output Isolation test voltage: 4000 Vac
Operating ambient temperature:
- 25°C / + Ta (See table)
Storage temperature:
- 40°C / + 85°C
Input protection by integrated fusible resistor
Output short circuit protection: automatic restarts
when fault condition is removed
Thermal shutdown with automatic recovery if internal
temperature exceeds allowable value
Reference
Output 1
Output 2
(DC Volts)
Output 1
Output 2
(DC mA)
Output Power
(W)
Output 1
Output 2
accuracy
Efficiency (%)
Ta
(°C)
47243
+10.5
+7
380 max
100 max
4 *
± 3%
± 15%
72
+60
47244
+15
+7
300 max
70 max
4 *
± 3%
± 15%
73
+60
47245
+12
+5.5
130 max
300 max
3.2
± 5%
± 10%
65
+70
47246
+5
+12
400 (600max)
170 max
4
± 3%
± 15%
65
+60
47247
+15
-15
130 max
130 max
4
± 8%
± 8%
73
+60
* Nota: Power up to 5W is possible with input voltage
≥ 97 Vac and Ta ≤ 50°C
DIMENSIONS and PINOUT
5 pins
pins 1 & 5 : AC or DC Input
pin 6: Common output 0V
pin 7: DC output 1
pin 10: DC output 2
(view from pins side):



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com