Electronic Components Datasheet Search
  English  ▼

X  

47243 Datasheet(PDF) 2 Page - Myrra

Part # 47243
Description  ELECTRONIC TRANSFORMERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra

47243 Datasheet(HTML) 2 Page - Myrra

  47243 Datasheet HTML 1Page - Myrra 47243 Datasheet HTML 2Page - Myrra 47243 Datasheet HTML 3Page - Myrra 47243 Datasheet HTML 4Page - Myrra 47243 Datasheet HTML 5Page - Myrra  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
47000 SERIES - ELECTRONIC TRANSFORMERS
ONE OUTPUT 2.5 & 5W - Regulated
ELECTRICAL SPECIFICATIONS
Input voltage range
85 to 265 Volts AC
85 to 370 Volts DC
Input Frequency 47 to 440 Hz
Output voltage accuracy (full load ) ± 2%
Line output voltage variation ± 0.3%
Load output voltage variation ± 0.5%
No load input power
< 200mW
Energy consumption and efficiency :
Meets requirements of Energy Star and
EC Code of Conduct
SAFETY
Prepared for Class II
– reinforced insulation
Input / Output Isolation test voltage: 4000 Vac
Operating ambient temperature:
- 25°C / + Ta (See table)
Storage temperature:
- 40°C / + 85°C
Input protection by integrated fusible resistor
Output short circuit protection: automatic restarts
when fault condition is removed
Thermal shutdown with automatic recovery if internal
temperature exceeds allowable value
Reference
Output voltage
(DC Volts)
Output current
(DC mA)
Output Power
(W)
Efficiency
(%)
Ta
(°C)
47121
3.3
750
2.5
65
+70
47122
5
550
2.75
68
+70
47123
9
270
2.5
72
+70
47124
12
210
2.5
74
+70
47125
15
170
2.5
75
+70
47126
24
110
2.5
77
+70
47151
3.3
1350
4.2
65
+50
47152
5
900
4.5
68
+50
47153
9
550
5
72
+50
47154
12
420
5
75
+50
47155
15
320
5
76
+50
47156
24
220
5
79
+50
DIMENSIONS and PINOUT
4 pins
pins 1 & 5 : AC or DC Input
pin 7: DC output +V
pin 9: DC output 0V
(view from pins side):



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com