Electronic Components Datasheet Search
  English  ▼

X  

USB3300 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 11Page - SMSC Corporation USB3300_07 Datasheet HTML 12Page - SMSC Corporation USB3300_07 Datasheet HTML 13Page - SMSC Corporation USB3300_07 Datasheet HTML 14Page - SMSC Corporation USB3300_07 Datasheet HTML 15Page - SMSC Corporation USB3300_07 Datasheet HTML 16Page - SMSC Corporation USB3300_07 Datasheet HTML 17Page - SMSC Corporation USB3300_07 Datasheet HTML 18Page - SMSC Corporation USB3300_07 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
15
Revision 1.08 (11-07-07)
DATASHEET
Chapter 5 Electrical Characteristics
Notes:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
SessEnd and VbusVld comparators disabled. Interface protection disabled.
Maximum current numbers are worst case over supply voltage, temperature and process.
Note:
The USB330 uses the AutoResume feature, Section 6.3, for host start-up of less than 1ms
Table 5.1 Electrical Characteristics: Supply Pins
PARAMETER
SYMBOL
CONDITIONS
TYP
MAX
UNITS
Unconfigured Current
IAVG(UCFG)
Device Unconfigured
Same as Idle
mA
FS Idle 3.3V Current
IAVG(FS33)
FS idle not data transfer
18.8
21.9
mA
FS Idle 1.8V Current
IAVG(FS18)
FS idle not data transfer
36.4
43.2
mA
FS Transmit 3.3V Current
IAVG(FSTX33)
FS current during data
transmit
36.0
41.6
mA
FS Transmit 1.8V Current
IAVG(FSTX18)
FS current during data
transmit
36.8
43.2
mA
FS Receive 3.3V Current
IAVG(FSRX33)
FS current during data
receive
22.5
27.0
mA
FS Receive 1.8V Current
IAVG(FSRX18)
FS current during data
receive
36.7
43.4
mA
HS Idle 3.3V Current
IAVG(HS33)
HS idle not data transfer
22.1
25.4
mA
HS Idle 1.8V Current
IAVG(HS18)
HS idle not data transfer
38.7
45.6
mA
HS Transmit 3.3V Current
IAVG(HSTX33)
HS current during data
transmit
25.4
29.0
mA
HS Transmit 1.8V Current
IAVG(HSTX18)
HS current during data
transmit
39.1
46.2
mA
HS Receive 3.3V Current
IAVG(HSRX33)
HS current during data
receive
23.0
26.6
mA
HS Receive 1.8V Current
IAVG(HSRX18)
HS current during data
receive
39.6
46.8
mA
Low Power Mode 3.3V Current
IDD(LPM33)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor
currents not included.
59.4
uA
Low Power Mode 1.8V Current
IDD(LPM18)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor
currents not included.
25.5
uA
Table 5.2 Electrical Characteristics: CLKOUT Start-Up
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Suspend Recovery Time
TSTART
2.25
3.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com