Electronic Components Datasheet Search
  English  ▼

X  

P16SNP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P16SNP
Description  Knob Potentiometer with Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16SNP Datasheet(HTML) 3 Page - Vishay Siliconix

  P16SNP Datasheet HTML 1Page - Vishay Siliconix P16SNP Datasheet HTML 2Page - Vishay Siliconix P16SNP Datasheet HTML 3Page - Vishay Siliconix P16SNP Datasheet HTML 4Page - Vishay Siliconix P16SNP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P16S, PA16S
www.vishay.com
Vishay Sfernice
Revision: 06-Mar-17
3
Document Number: 51063
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque
2 Ncm typical
End stop torque
25 Ncm maximum
Tightening torque of mounting nut
180 Ncm maximum
Unit weight
4.5 g typical
ENVIRONMENTAL SPECIFICATIONS
METALLIC KNOB
PLASTIC KNOB
Temperature range
-40 °C to +125 °C
-40 °C to +85 °C
Climatic category
40/100/56
40/85/56
Sealing
Sealed container and panel sealed
Protection grades
IP67
SWITCH ELECTRICAL AND MECHANICAL SPECIFICATIONS
ON / OFF switch
Actuation in counter clockwise position (between terminal a and terminal b)
Switching current
P16S
100 mA max.
PA16S
1 mA max.
Switch actuation torque
4 Ncm min.
Switch actuation travel
30° ± 5°
Dielectric strength
terminal to terminal (RMS)
1000 V
Insulation resistance between contacts
106 M
Switch mechanical endurance
10 000 cycles
1 cycle
ON-OFF-ON
MARKING
• Ohmic value code, tolerance, code and taper
• Manufacturing date code
PACKAGING
• Carton box of 20 pieces
CONTROL KNOB
Black metallic knob (NM).
Black plastic knob (NP).
For white and blue color see ordering information.
Other dimensions, shapes, colors of control knobs are
manufactured on request - please consult Vishay.
Other reference marks (shapes, colors) and legends can be
printed on plastic knob on request - please consult Vishay.
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
P16S CERMET
PA16S CONDUCTIVE PLASTIC
LINEAR TAPER
LOGARITHMIC TAPER
LINEAR TAPER
LOGARITHMIC TAPER
MAX.
POWER
AT 40 °C
MAX.
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 40 °C
MAX.
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 40 °C
MAX.
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 40 °C
MAX.
VOLTAGE
MAX. CUR.
THROUGH
WIPER
WV
mA
WV
mA
WV
mA
WV
mA
22
1
4.69
213
47
1
6.85
146
100
1
10
100
0.5
7.1
71
220
1
14.8
67.4
0.5
10.5
48
470
1
21.7
46.1
0.5
15.3
32.6
0.25
10.8
23.1
1K
1
31.6
31.6
0.5
22.4
22.4
0.5
22.4
22.4
0.25
15.8
16
2.2K
1
46.9
21.3
0.5
33.2
15.1
0.5
33.2
15.1
0.25
23.5
11
4.7K
1
68.5
14.6
0.5
48.5
10.3
0.5
48.5
10.3
0.25
34.3
7
10K
1
100
10
0.5
70.7
7.07
0.5
70.7
7.07
0.25
50
5
22K
1
148
6.74
0.5
105
4.77
0.5
105
4.77
0.25
74
3.4
47K
1
217
4.61
0.5
153
3.26
0.5
153
3.26
0.25
108
2.3
100K
1
316
3.16
0.5
224
2.24
0.5
224
2.24
0.25
158
1.6
220K
0.56
350
1.59
0.5
332
1.51
0.5
332
1.51
0.25
235
1.1
470K
0.26
350
0.75
0.26
350
0.74
0.26
350
0.74
0.25
343
0.7
1M
0.12
350
0.35
0.12
350
0.35
0.12
350
0.35
2.2M
0.05
350
0.16
0.056
350
0.16
4.7M
0.02
350
0.07
10M
0.01
350
0.012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com