Electronic Components Datasheet Search
  English  ▼

X  

P16SNM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P16SNM
Description  Knob Potentiometer with Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16SNM Datasheet(HTML) 2 Page - Vishay Siliconix

  P16SNM Datasheet HTML 1Page - Vishay Siliconix P16SNM Datasheet HTML 2Page - Vishay Siliconix P16SNM Datasheet HTML 3Page - Vishay Siliconix P16SNM Datasheet HTML 4Page - Vishay Siliconix P16SNM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P16S, PA16S
www.vishay.com
Vishay Sfernice
Revision: 06-Mar-17
2
Document Number: 51063
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
P16S
PA16S
Resistive element
Cermet
Conductive plastic
Electrical travel
220° ± 10°
220° ± 10°
Power rating chart
Circuit diagram
Taper
Resistance range
Linear law
22
 to 10 M
1 k
 to 1 M
Logarithmic laws
100
 to 2.2 M
470
 to 500 k
Standard series e3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
1 - 2.2 - 4.7
Tolerance
Standard
± 20 %
± 20 %
On request
± 10 %
± 10 % (1 k
 to 100 k)
Power rating
Linear
1 W at +40 °C
0.5 W at +40 °C
Logarithmic
0.5 W at +40 °C
0.25 W at +40 °C
Temperature coefficient (typical)
± 150 ppm
± 500 ppm
Dielectric strength (RMS)
2500 V
2500 V
Limiting element voltage (linear law)
350 V
350 V
Contact resistance variation
3 % Rn or 3
2 % Rn or 3
End resistance (typical)
1
1
Insulation resistance (500 VDC)106 M
106 M
0
40
140
0.50
0
AMBIENT TEMPERATURE IN °C
60
20
100
80
P16S
LIN. TAPER “A”
P16S
LOG. TAPER “L & F”
1.00
NM
0.75
1.25
0.25
120
NM
NP
NP
& PA16S
LIN. TAPER
PA16S
LOG. TAPER
a
c
b
cw
(2)
(3)
(1)
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE KNOB ROTATION
F
L
A
10
Switch on-off



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com