Electronic Components Datasheet Search
  English  ▼

X  

72B Datasheet(PDF) 1 Page - IDEAL INDUSTRIES, INC.

Part # 72B
Description  Wire Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-INDUSTRIES [IDEAL INDUSTRIES, INC.]
Direct Link  https://www.idealindustries.com/us/en.html
Logo IDEAL-INDUSTRIES - IDEAL INDUSTRIES, INC.

72B Datasheet(HTML) 1 Page - IDEAL INDUSTRIES, INC.

  72B Datasheet HTML 1Page - IDEAL INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.idealindustries.com
1-800-435-0705 for Customer Service
A-2
Five color-coded models cover wire sizes from 22 to 6 AWG
Fixed, square-wire spring creates its own threads —
maintains a secure positive grip that will not relax over time
No pre-twisting required — positive grip design provides
fast, easy installation
Deep skirt helps protect against flash-over
Reusable for easy circuit changes and additions
Tough, UL94V-2 flame-retardant shell rated at 105
oC (221oF)
UL Listed to 486C and CSA certified to C22.2 #188; comply with Federal Specification W-S-610E
Wire-Nut® Wire Connectors
Model
Color
Wire Combination Range
Wire Combination Range (mm)
Quantity
Cat. No.
71B®
Gray
300V
22 to 16 AWG
Min. 2 #22 – Max. 2 #16
300V
,34mm2 to 1,5mm2
Min. 2-,34mm2 Max. 3-1,5mm2
Box of 100
30-071
Carton of 1,000
30-171
Keg of 25,000 (loose pack)
30-271
Barrel of 150,000
30-871
72B®
Blue
300V
22 to 14 AWG
Min. 2 #22 – Max. 3 #16
300V
,34mm2 to 2,5mm2
Min. 2-,34mm2 Max. 3-1,5mm2
Box of 100
30-072
Carton of 1,000
30-172
Keg of 10,000 (loose pack)
30-272
Barrel of 85,000
30-872
73B®
Orange
600V*
22 to 14 AWG
Min. 1 #18 & 2 #20
Max. 2 #14
600V*
,34mm
2 to 2,5mm2
Min. 1-,75mm2 w/1-,50mm2
Max. 4-1,5mm2 w/1-,50mm2
Box of 100
30-073
Jar of 300
30-073J
Carton of 1,000
30-173
Keg of 5,000 (10 bags, 500 ea.)
30-273
Keg of 10,000 (loose pack)
30-673
Barrel of 50,000
30-873
74B®
Yellow
600V*
18 to 12 AWG
Min. 2 #18
Max. 4 #14 & 1 #18
600V*
,75mm
2 to 4,0mm2
Min. 2-,75mm2
Max. 4-2,5mm2 w/1-,75mm2
Box of 100
30-074
Jar of 175
30-074J
Carton of 1,000
30-174
Keg of 5,000 (10 bags, 500 ea.)
30-274
Keg of 10,000 (loose pack)
30-674
Barrel of 35,000
30-874
76B®
Red
600V*
18 to 6 AWG
Min. 2 #14
Max. 4 #12
600V*
,75mm
2 to 16,0mm2
Min. 2-2,5mm2
Max. 2-4,0mm2
Box of 100
30-076
Jar of 150
30-076J
Carton of 1,000
30-176
Keg of 2,500 (10 bags, 250 ea.)
30-276
Barrel of 15,000
30-876
*1,000V maximum in fixtures and signs
Wire Combination
Wire Combination
Model
Color
Wire Combination Range
Wire Combination Range (mm)
Quantity
Cat. No.
71B®
Black
300V
22 to 16 AWG
Min. 2 #22 Str
Max. 2 #16
300V
,34mm
2 to 1,5mm2
Min. 2-,34mm2
Max. 2-1,5mm2
Box of 100
30-3627
Carton of 1,000
30-151
Keg of 25,000 (loose pack)
30-251
Barrel of 150,000
30-801
72B®
Black
300V
22 to 14 AWG
Min. 2 #22
Max. 3 #16
300V
,34mm
2 to 2,5mm2
Min. 2-,34mm2
Max. 3-1,5mm2
Box of 100
30-3628
Carton of 1,000
30-152
Keg of 10,000 (loose pack)
30-252
Barrel of 85,000
30-802
73B®
Black
600V*
22 to 14 AWG
Min. 1 #18 w/1 #20
Max. 4 #16 & 1 #20
600V*
,34mm
2 to 2,5mm2
Min. 1-,75mm2 w/1-,50mm2
Max. 4-1,5mm2 w/1-,50mm2
Box of 100
30-3629
Carton of 1,000
30-153
Keg of 10,000 (loose pack)
30-253
Barrel of 50,000
30-803
59B®
Black
600V*
22 to 12 AWG
Min. 2 #20
Max. 3 #14
600V*
,34mm
2 to 4,0mm2
Min. 2-,5mm2
Max. 3-2,5mm2
Box of 100
30-059
Carton of 1,000
30-159
Keg of 5,000 (loose pack)
30-259
Barrel of 35,000
30-809
*1,000V maximum in fixtures and signs
High Temperature Wire-Nut® Wire Connectors
All of the Wire-Nut® Wire Connector features plus:
Black, thermoplastic shell designed to withstand extreme heat build-up
found in high-wattage light fixtures and signs. UL Listed to 150°C (302°F)
Four models to cover wire ranges from 22 to 12 AWG


Similar Part No. - 72B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72B150/L ETC1-72B150/L Datasheet
62Kb / 1P
72B, 72BL Series
72B230/L ETC1-72B230/L Datasheet
62Kb / 1P
72B, 72BL Series
72B250/L ETC1-72B250/L Datasheet
62Kb / 1P
72B, 72BL Series
72B300/L ETC1-72B300/L Datasheet
62Kb / 1P
72B, 72BL Series
72B350/L ETC1-72B350/L Datasheet
62Kb / 1P
72B, 72BL Series
More results

Similar Description - 72B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
List of Unclassifed Man...
174922-1 ETC2-174922-1 Datasheet
26Kb / 1P
.070 MULTILOCK Connectors Wire to wire Applications
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com