Electronic Components Datasheet Search
  English  ▼

X  

DAC1282AIPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC1282AIPWR
Description  DAC1282 Low Distortion Digital-to-Analog Converter for Seismic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1282AIPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC1282AIPWR Datasheet HTML 3Page - Texas Instruments DAC1282AIPWR Datasheet HTML 4Page - Texas Instruments DAC1282AIPWR Datasheet HTML 5Page - Texas Instruments DAC1282AIPWR Datasheet HTML 6Page - Texas Instruments DAC1282AIPWR Datasheet HTML 7Page - Texas Instruments DAC1282AIPWR Datasheet HTML 8Page - Texas Instruments DAC1282AIPWR Datasheet HTML 9Page - Texas Instruments DAC1282AIPWR Datasheet HTML 10Page - Texas Instruments DAC1282AIPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DAC1282, DAC1282A
www.ti.com
SBAS490B – DECEMBER 2011 – REVISED MAY 2015
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to +85°C. Typical specifications are at TA = +25°C, AVDD = +2.5 V,
AVSS = –2.5 V, fCLK = 4.096 MHz, VREF = 5 V, and DVDD = 3.3 V (unless otherwise noted). Refer to Figure 50. DAC1282A
supports gains = 1/1, 1/4, and 1/16 only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVSS
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
V
DVDD
1.65
3.6
V
Gain = 1/1, VOUT = 0 V
7.4
8.5
mA(11)
AVDD, AVSS current
Pulse mode, VOUT = 0 V
7
mA
Shutdown
1
10
µA
Operating
180
300
µA
DVDD current
Shutdown(12)
1
10
µA
Operating
38
44
mW
Power
Shutdown(12)
10
85
µW
TEMPERATURE RANGE
Specified temperature range
–40
+85
°C
Operating temperature range
–50
+125
°C
Storage temperature range
–65
+150
°C
(11) Analog supply current scales with gain as follows:
IAVDD and IAVSS = 0.016 × VREF × (44 × Gain + 1) + 3.8 (mA).
(12) Digital inputs stopped and maintained at VIH or VIL level.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com