Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBEP Datasheet(PDF) 27 Page - Texas Instruments

Part # DAC5672MPFBEP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5672MPFBEP Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC5672MPFBEP Datasheet HTML 22Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 23Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 24Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 25Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 26Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 27Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 28Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 29Page - Texas Instruments DAC5672MPFBEP Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
www.ti.com
PACKAGE OUTLINE
C
48X
0.27
0.17
44X 0.5
PIN 1 ID
(0.13)
TYP
0.05 MIN
0 -7
4X 5.5
9.2
8.8
TYP
0.75
0.45
B
7.2
6.8
NOTE 3
A
7.2
6.8
NOTE 3
0.25
GAGE PLANE
1.2 MAX
(1)
PLASTIC QUAD FLATPACK
TQFP - 1.2 mm max height
PFB0048A
PLASTIC QUAD FLATPACK
4215157/A 03/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026.
1
12
13
24
25
36
37
48
0.08
C A B
SEE DETAIL A
SEATING PLANE
0.08
A 16
DETAIL A
TYPICAL
SCALE 1.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com