Electronic Components Datasheet Search
  English  ▼

X  

DAC7642 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC7642
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7642 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7642 Datasheet HTML 4Page - Texas Instruments DAC7642 Datasheet HTML 5Page - Texas Instruments DAC7642 Datasheet HTML 6Page - Texas Instruments DAC7642 Datasheet HTML 7Page - Texas Instruments DAC7642 Datasheet HTML 8Page - Texas Instruments DAC7642 Datasheet HTML 9Page - Texas Instruments DAC7642 Datasheet HTML 10Page - Texas Instruments DAC7642 Datasheet HTML 11Page - Texas Instruments DAC7642 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DAC7642, DAC7643
8
SBAS233
www.ti.com
TYPICAL CHARACTERISTICS: VSS = 0V (Cont.)
At TA = +25°C, VCC = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
1000
100
10
Frequency (Hz)
10
100
1000
10000
100000
1000000
OUTPUT NOISE VOLTAGE vs FREQUENCY
BROADBAND NOISE
Time (10
µs/div)
+5V
LDAC
0
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(0V to +2.5V)
Large-Signal Settling Time: 1V/div
Small-Signal Settling Time: 500
µV/div
Time (1
µs/div)
OUTPUT VOLTAGE
vs MIDSCALE GLITCH PERFORMANCE
+5V
LDAC
0
7FFF
H to 8000H
Time (1
µs/div)
OUTPUT VOLTAGE
vs MIDSCALE GLITCH PERFORMANCE
+5V
LDAC
0
8000
H to 7FFFH
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+2.5V to 2mV)
+5V
LDAC
0
Large-Signal Settling Time: 1V/div
Small-Signal Settling
Time: 500
µV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com