Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFBR Datasheet(PDF) 1 Page - Texas Instruments

Part # DIX4192IPFBR
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFBR Datasheet(HTML) 1 Page - Texas Instruments

  DIX4192IPFBR Datasheet HTML 1Page - Texas Instruments DIX4192IPFBR Datasheet HTML 2Page - Texas Instruments DIX4192IPFBR Datasheet HTML 3Page - Texas Instruments DIX4192IPFBR Datasheet HTML 4Page - Texas Instruments DIX4192IPFBR Datasheet HTML 5Page - Texas Instruments DIX4192IPFBR Datasheet HTML 6Page - Texas Instruments DIX4192IPFBR Datasheet HTML 7Page - Texas Instruments DIX4192IPFBR Datasheet HTML 8Page - Texas Instruments DIX4192IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
S/PDIF
IN
DIX4192
DSP
x4
S/PDIF
OUT
PCM x1
GPO/INT
I2C
x1
PCM5242
PCM x1
TPA6120A2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
1
1 Features
1
•
Digital Audio Interface Transmitter (DIT)
–
Supports Sampling Rates Up to 216 kHz
–
Includes Differential Line Driver and
CMOS-Buffered Outputs
•
Digital Audio Interface Receiver (DIR)
–
PLL Lock Range Includes Sampling Rates
from 20 kHz to 216 kHz
–
Four Differential-Input Line Receivers and an
Input Multiplexer
–
Bypass Multiplexer Routes Line Receiver
Outputs to Line Driver and Buffer Outputs
–
Automatic Detection of Non-PCM Audio
Streams (DTS CD/LD and IEC 61937 formats)
–
Audio CD Q-Channel Sub-Code Decoding and
Data Buffer
–
Low Jitter Recovered Clock Output
•
User-Selectable Serial Host Interface: SPI™ or
I2C
–
Provides Access to On-Chip Registers and
Data Buffers
–
Status Registers and Interrupt Generation for
Flag and Error Conditions
–
Block-Sized Data Buffers for Both Channel
Status and User Data
•
Two Audio Serial Ports (Ports A and B)
–
Synchronous Serial Interface to External
Signal Processors, Data Converters, and Logic
–
Slave or Master Mode Operation With
Sampling Rates Up to 216 kHz
–
Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
–
Supports Audio Data Word Lengths Up to
24 Bits
•
Four General-Purpose Digital Outputs
–
Multifunction Programmable Through Control
Registers
•
Extensive Power-Down Support
–
Functional Blocks May Be Disabled
Individually When Not In Use
•
Operates From 1.8-V Core and 3.3-V I/O Power
Supplies
•
Small TQFP-48 Package, Compatible With the
SRC4382 and SRC4392
2 Applications
•
Digital Audio Recorders and Mixing Desks
•
Digital Audio Interfaces for Computers
•
Digital Audio Routers and Distribution Systems
•
Broadcast Studio Equipment
•
DVD and CD Recorders
•
Surround Sound Decoders and A/V Receivers
•
Car Audio Systems
3 Description
The DIX4192 device is a highly-integrated CMOS
device
designed
for
use
in
professional
and
broadcast
digital
audio
systems.
The
DIX4192
combines a digital audio interface receiver (DIR) and
transmitter (DIT), two audio serial ports, and flexible
distribution logic for interconnection of the function
block data and clocks.
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
standards. The audio serial ports and DIT may be
operated at sampling rates up to 216 kHz. The DIR
lock range includes sampling rates from 20 kHz to
216 kHz.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DIX4192
TQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DIX4192 Typical Application


Similar Part No. - DIX4192IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIX4192IPFBR BURR-BROWN-DIX4192IPFBR Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBR TI1-DIX4192IPFBR Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBR-Q1 TI1-DIX4192IPFBR-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBRG4 TI1-DIX4192IPFBRG4 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBRQ1 TI1-DIX4192IPFBRQ1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX4192IPFBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com