Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 52 Page - Texas Instruments

Part # DIX9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 48Page - Texas Instruments DIX9211 Datasheet HTML 49Page - Texas Instruments DIX9211 Datasheet HTML 50Page - Texas Instruments DIX9211 Datasheet HTML 51Page - Texas Instruments DIX9211 Datasheet HTML 52Page - Texas Instruments DIX9211 Datasheet HTML 53Page - Texas Instruments DIX9211 Datasheet HTML 54Page - Texas Instruments DIX9211 Datasheet HTML 55Page - Texas Instruments DIX9211 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
37
38
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
BCKA
LRCKA
SDINA
SDOUTA
NC
VIO
DGND3
BGND
SDOUTB
SDINB
LRCKB
BCKB
RX1+
RX1-
RX2+
RX2-
RX3+
RX3-
RX4+
RX4-
VCC
AGND
LOCK
RXCKO
SYNC
BLS
AESOUT
VDD33
TX+
TX-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
RST
INT
SDA
A1
SCL
A0
CPM
VDD18
DGND1
NC
NC
RXCKI
TI Device
From Digital Inputs
(Line, Optical, Logic)
To Digital Outputs
(Line, Optical, Logic)
To Host or External Logic
To Host or External Logic
I C
2
Host
Controller
Audio
I/O
Device
Audio
I/O
Device
DIR
Ref Clock
Master
Clock
DIR Recovered Clock
VIO
10 k
2.7 k
Tie
LO or HI
Copyright © 2017, Texas Instruments Incorporated
25
24
23
22
21
20
19
18
17
16
15
14
13
SPI
Host
Controller
DIR
Ref Clock
Master
Clock
VIO
10 kW
37
38
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
BCKA
LRCKA
SDINA
SDOUTA
NC
VIO
DGND3
BGND
SDOUTB
SDINB
LRCKB
BCKB
RX1+
RX1-
RX2+
RX2-
RX3+
RX3-
RX4+
RX4-
VCC
AGND
LOCK
RXCKO
SYNC
BLS
AESOUT
VDD33
TX+
TX-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
RST
INT
SDA
A1
SCL
A0
CPM
VDD18
DGND1
NC
NC
RXCKI
TI Device
From Digital Inputs
(Line, Optical, Logic)
To Digital Outputs
(Line, Optical, Logic)
To Host or External Logic
To Host or External Logic
Audio
I/O
Device
Audio
I/O
Device
DIR Recovered Clock
Copyright © 2017, Texas Instruments Incorporated
52
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Application Information (continued)
Figure 69. Typical Application Diagram Using SPI Host Interface
(See Figure 71 for Power-Supply Connections)
Figure 70. Typical Application Diagram Using I2C Host Interface
(See Figure 71 for Power-Supply Connections)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com