Electronic Components Datasheet Search
  English  ▼

X  

DRV8829PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8829PWPR
Description  DRV8829 5-A 45-V Single H-Bridge Motor Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8829PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8829PWPR Datasheet HTML 4Page - Texas Instruments DRV8829PWPR Datasheet HTML 5Page - Texas Instruments DRV8829PWPR Datasheet HTML 6Page - Texas Instruments DRV8829PWPR Datasheet HTML 7Page - Texas Instruments DRV8829PWPR Datasheet HTML 8Page - Texas Instruments DRV8829PWPR Datasheet HTML 9Page - Texas Instruments DRV8829PWPR Datasheet HTML 10Page - Texas Instruments DRV8829PWPR Datasheet HTML 11Page - Texas Instruments DRV8829PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VM
VM
0.1 µF
bulk
Power
CP2
CP1
3.3-V LDO
V3P3OUT
0.01 µF
Charge
Pump
0.1 µF
VM
0.47 µF
1 mA
Control
Inputs
PHASE
ENBL
nSLEEP
Output
nFAULT
GND
GND PPAD
nRESET
3.3V
0.1 µF
+
VM
ISEN
RSENSE
PWM
Gate
Drive
Analog
Inputs
VREF
Protection
Overcurrent
Undervoltage
Thermal
Core Logic
VM
VREF
DECAY
I[4:0]
BDC
DAC
VREF
I[4:0]
VM
OUT1
OUT1
OUT2
OUT2
A
ISEN
1 M
Ÿ
DRV8829
SLVSA74E – MAY 2010 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8829 is an integrated motor driver solution for bipolar stepper motors or single/dual brushed-DC motors.
The device integrates an NMOS H-bridge and current regulation circuitry. The DRV8829 can be powered with a
supply voltage from 8.2 to 45 V, and is capable of providing an output current up to 5-A peak or 3.5-A rms.
Actual operable rms current will depend on ambient temperature, supply voltage, and PCP ground plane size.
A simple PH/EN interface allows easy interfacing to the controller circuit.
The current regulation is highly configurable, with several decay modes of operation. The decay mode can be
selected as a fixed slow, mixed, or fast decay.
A current scalar feature allows the controller to scale the output current without needing to scale the analog
reference voltage input VREF. The DAC is accessed using digital input pins. This allows the controller to save
power by decreasing the current consumption when not required.
A low-power sleep mode is included which allows the system to save power when not driving the motor.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DRV8829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com