Electronic Components Datasheet Search
  English  ▼

X  

ESD351 Datasheet(PDF) 2 Page - Texas Instruments

Part # ESD351
Description  ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD351 Datasheet(HTML) 2 Page - Texas Instruments

  ESD351 Datasheet HTML 1Page - Texas Instruments ESD351 Datasheet HTML 2Page - Texas Instruments ESD351 Datasheet HTML 3Page - Texas Instruments ESD351 Datasheet HTML 4Page - Texas Instruments ESD351 Datasheet HTML 5Page - Texas Instruments ESD351 Datasheet HTML 6Page - Texas Instruments ESD351 Datasheet HTML 7Page - Texas Instruments ESD351 Datasheet HTML 8Page - Texas Instruments ESD351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ESD351
SLVSEO3 – JULY 2018
www.ti.com
Product Folder Links: ESD351
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings -JEDEC Specifications ........................ 4
6.3
ESD Ratings - IEC Specifications ............................. 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Thermal Information .................................................. 4
6.6
Electrical Characteristics........................................... 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 8
8
Application and Implementation .......................... 9
8.1
Application Information.............................................. 9
8.2
Typical Application ................................................... 9
9
Power Supply Recommendations ...................... 11
10
Layout................................................................... 11
10.1
Layout Guidelines ................................................. 11
10.2
Layout Example .................................................... 11
11
Device and Documentation Support ................. 12
11.1
Documentation Support ........................................ 12
11.2
Receiving Notification of Documentation Updates 12
11.3
Community Resources.......................................... 12
11.4
Trademarks ........................................................... 12
11.5
Electrostatic Discharge Caution ............................ 12
11.6
Glossary ................................................................ 12
12
Mechanical, Packaging, and Orderable
Information ........................................................... 12
4 Revision History
DATE
REVISION
NOTES
July 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com