Electronic Components Datasheet Search
  English  ▼

X  

INA253A2 Datasheet(PDF) 26 Page - Texas Instruments

Part # INA253A2
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA253A2 Datasheet HTML 22Page - Texas Instruments INA253A2 Datasheet HTML 23Page - Texas Instruments INA253A2 Datasheet HTML 24Page - Texas Instruments INA253A2 Datasheet HTML 25Page - Texas Instruments INA253A2 Datasheet HTML 26Page - Texas Instruments INA253A2 Datasheet HTML 27Page - Texas Instruments INA253A2 Datasheet HTML 28Page - Texas Instruments INA253A2 Datasheet HTML 29Page - Texas Instruments INA253A2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Time (s)
-0.005
0.005
0.015
0.025
0.035
0.025
-5
0.05
0
0.075
5
0.1
10
0.125
15
0.15
20
0.175
25
D027
VCM
VOUT
26
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.3.2 Application Curve
A typical response of INA253 in a remote I/O application is shown in Figure 46. The common-mode voltage steps
from 0 V to 24 V, and the current output across the 24 V power supply is measured using the INA253.
Figure 46. INA253 Current Sense Output Response in Remote I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com