Electronic Components Datasheet Search
  English  ▼

X  

LM2677 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2677
Description  LM2677 SIMPLE SWITCHER® High Efficiency 5-A Step-Down Voltage Regulator with Sync
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2677 Datasheet(HTML) 2 Page - Texas Instruments

  LM2677 Datasheet HTML 1Page - Texas Instruments LM2677 Datasheet HTML 2Page - Texas Instruments LM2677 Datasheet HTML 3Page - Texas Instruments LM2677 Datasheet HTML 4Page - Texas Instruments LM2677 Datasheet HTML 5Page - Texas Instruments LM2677 Datasheet HTML 6Page - Texas Instruments LM2677 Datasheet HTML 7Page - Texas Instruments LM2677 Datasheet HTML 8Page - Texas Instruments LM2677 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
LM2677
SNVS077J – MAY 2004 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2677
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics – 3.3 V .............................. 5
6.6
Electrical Characteristics – 5 V ................................. 5
6.7
Electrical Characteristics – 12 V ............................... 6
6.8
Electrical Characteristics – Adjustable...................... 6
6.9
Electrical Characteristics – All Output Voltage
Versions ..................................................................... 6
6.10
Typical Characteristics ............................................ 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 11
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Application .................................................. 16
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Receiving Notification of Documentation Updates 27
11.3
Community Resources.......................................... 27
11.4
Trademarks ........................................................... 27
11.5
Electrostatic Discharge Caution ............................ 27
11.6
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (June 2012) to Revision J
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted Manufacturers' Contact Numbers tables................................................................................................................. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com